Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPRC032A Datasheet (PDF) - California Micro Devices Corp

CSPRC032A Datasheet PDF - California Micro Devices Corp
Part # CSPRC032A
Download  CSPRC032A Download
File Size   224.75 Kbytes
Page   5 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 4 Channel EMI Filter Network

CSPRC032A Datasheet (PDF)

Go To PDF Page Download Datasheet
CSPRC032A Datasheet PDF - California Micro Devices Corp

Part # CSPRC032A
Download  CSPRC032A Click to download

File Size   224.75 Kbytes
Page   5 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 4 Channel EMI Filter Network

CSPRC032A Datasheet (HTML) - California Micro Devices Corp


CSPRC032A Product details

Product Description
The CSPRC032A is a 4-channel low pass EMI filter (RC-R configuration) in a Chip Scale Package (CSP). Many portable applications require the attenuation of signals in the 800-3000 MHz band. California Micro Devices’ unique thin film technology provides a minimum of –25dB of attenuation over this frequency band.

Features
• 4 EMI filter lines per device
• Filters attenuate to –30dB at 3GHz
• CSP package minimizes cross-talk
• 9-bump 2.485mm X 0.985mm Chip Scale Package (CSP), 0.5mm pitch
• 0.30mm Eutectic solder bumps
• Ultra small footprint suitable for portable devices
• Lead-free version available

Applications
• EMI filtering for RF sections of wireless devices
• Cellular phones
• Cordless phones
• Internet appliances
• PDAs
• Laptop computers




Similar Part No. - CSPRC032A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
More results


Similar Description - CSPRC032A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CM1300 CALMIRCO-CM1300 Datasheet
232Kb / 5P
4 Channel EMI Filter Network
logo
NXP Semiconductors
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
ON Semiconductor
CM1421 ONSEMI-CM1421 Datasheet
663Kb / 8P
4-Channel LCD EMI Filter Array
March, 2011 ??Rev. 3
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
NUF4402MN ONSEMI-NUF4402MN_09 Datasheet
171Kb / 6P
4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4401MN ONSEMI-NUF4401MN_13 Datasheet
133Kb / 6P
4-Channel EMI Filter
February, 2013 ??Rev. 2
NUF4001MU ONSEMI-NUF4001MU_17 Datasheet
71Kb / 6P
4-Channel EMI Filter
February, 2017 ??Rev. 8
logo
Vishay Siliconix
VEMI45AB-HNH VISHAY-VEMI45AB-HNH_V01 Datasheet
118Kb / 6P
4-Channel EMI-Filter with ESD-Protection
09-Jan-2019
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com