Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPRC032A Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CSPRC032A
Description  4 Channel EMI Filter Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPRC032A Datasheet(HTML) 2 Page - California Micro Devices Corp

  CSPRC032A Datasheet HTML 1Page - California Micro Devices Corp CSPRC032A Datasheet HTML 2Page - California Micro Devices Corp CSPRC032A Datasheet HTML 3Page - California Micro Devices Corp CSPRC032A Datasheet HTML 4Page - California Micro Devices Corp CSPRC032A Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com 11/09/05
CSPRC032A
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
Specifications
032A
3
25
4
1
B
A
Orientation
Marking
(see note 2)
B3
B4
B5
A4
A5
B1
A1
B2
A2
Orientation
Marking
PACKAGE / PINOUT DIAGRAMS
Notes:
CSPRC032A
CSP Package
BOTTOM VIEW
(Bumps Up View)
TOP VIEW
(Bumps Down View)
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
9
CSP
CSPRC032A
032A
CSPRC032AG
032A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-55 to +150
°C
Power Rating per Resistor
25
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com