Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet (PDF) - Advantech Co., Ltd.

AMK-R004E Datasheet PDF - Advantech Co., Ltd.
Part # AMK-R004E
Download  AMK-R004E Download
File Size   1592.12 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Outdoor NVR w/4 PoE Ports Intel Atom E3845 SoC Fanless Box PC

AMK-R004E Datasheet (PDF)

Go To PDF Page Download Datasheet
AMK-R004E Datasheet PDF - Advantech Co., Ltd.

Part # AMK-R004E
Download  AMK-R004E Click to download

File Size   1592.12 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Outdoor NVR w/4 PoE Ports Intel Atom E3845 SoC Fanless Box PC

AMK-R004E Datasheet (HTML) - Advantech Co., Ltd.


AMK-R004E Product details

Features
ƒ Intel® Atom E3845 Quad Core 1.91 GHz SoC
ƒ 4 PoE Ports to Support Mainstream IP Cameras
ƒ 3KV isolation for 6 x Di & 2 x Do
ƒ Diversity Communication Abilities, ex. WWAN, WLAN
ƒ 9 ~ 36 VDC* Wide Power Input w/isolation
ƒ 1 x Removable 2.5" drive bay
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
ƒ Up to -40 ~ 70° C wide temperature support (by project)




Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
More results


Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2121S ADVANTECH-ARK-2121S_15 Datasheet
1Mb / 2P
Outdoor NVR w/4 PoE Ports Intel짰 Atom E3845 SoC Fanless Box PC
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ARK-2151S ADVANTECH-ARK-2151S_15 Datasheet
1Mb / 2P
Outdoor Full HD NVR w/4 PoE Ports 4th Gen. Intel Core i5 4300U SoC Fanless Box PC
ARS-2110TX ADVANTECH-ARS-2110TX_15 Datasheet
730Kb / 2P
EN50155 Intel Atom E3845 Fanless Box PC
ARK-2121V ADVANTECH-ARK-2121V Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
logo
Contec Co., Ltd
BX-220 CONTEC-BX-220 Datasheet
299Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
BX-320 CONTEC-BX-320 Datasheet
439Kb / 3P
BOX-PC Fanless, Atom E3845 1.9GHz
BX-830 CONTEC-BX-830 Datasheet
323Kb / 3P
BOX-PC Wide Temperature, Atom E3845, Fanless
BX-956S CONTEC-BX-956S Datasheet
472Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
logo
Advantech Co., Ltd.
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com