Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Outdoor NVR w/4 PoE Ports Intel Atom E3845 SoC Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
RoHS
COMPLIANT
2002/95/EC
ARK-2121S OutdoorNVRw/4PoEPorts
Intel® Atom E3845 SoC Fanless Box PC
ƒ
Intel® Atom E3845 Quad Core 1.91 GHz SoC
ƒ
4 PoE Ports to Support Mainstream IP Cameras
ƒ
3KV isolation for 6 x Di & 2 x Do
ƒ
Diversity Communication Abilities, ex. WWAN, WLAN
ƒ
9 ~ 36 VDC* Wide Power Input w/isolation
ƒ
1 x Removable 2.5" drive bay
ƒ
Supports iManager, SUSIAccess and Embedded Software APIs
ƒ
Up to -40 ~ 70° C wide temperature support (by project)
Specifications
ARK-2121S-S9A2E
Processor System
CPU
Intel Atom E3845 QC SoC
Frequency
1.91 GHz
L2 Cache
2 MB
BIOS
AMI EFI 64 Mbit
Memory
Technology
DDR3L 1333 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel Gen7 Graphics
Graphic Engine
DirectX11, OpenGL3.2, OpenCL1.1
Full HW acceleration, decode: H.264, MPEG2/4, VC-1, WMV9. Encode: H.264, MPEG2
VGA
Up to 2560 x 1600 @ 60Hz
HDMI
Lockable HDMI connector, up to 1080p
Audio
Main System
Realtek ALC888S, High Definition Audio (HD), Line-in, Line out, Mic-in
Ethernet
LAN #1
10/100/1000 Mbps Intel I210-IT GbE, support Wake on LAN
LAN #2
10/100/1000 Mbps Intel I210-IT GbE, support Wake on LAN
I/O Interface
Power over Ethernet, PoE
4 x 10/100 Mbps
- 4ports full-load, IEEE802.3af Class 2 (7Watt)
- 2ports full-load, IEEE802.3af Class 3 (15.4Watt)
Serial Ports
2 x non-isolated RS-232/422/485 with auto flow control
GPIO
6 x DI & 2 x DO w/ 3KV isolation
Input Voltage: 0 to 30 VDC, Output Current: Max. 500 mA per channel
On-state Voltage: 24 VDC nominal, open collector to 30 VDC
USB
3 x USB 2.0 & 1 x USB3.0
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCIe #1
Full-size Mini PCIe (USB, SATA interface)
Mini PCIe #2
Full-size Mini PCIe, w/SIM holder (PCIe, USB interface)
Mini PCIe #3/4
2 x Full-size Mini PCIe w/SIM holders (USB interface)
Storage
2.5" Drive Bay
1 x removable 2.5" drive bay (Max 9.5mm height)
mSATA
Laverage MiniPCIe #1 slot
Software Support
Microsoft Windows
Win7, Win10
Linux
Support by project
Power Requirement
Power Type
ATX/AT
Power Input Voltage*
9 ~ 36 VDC w/ isolation
Power Consumption
16W (Typical), 66W (Max)
Isolation
1.5KV Isolated
Mechanical
Construction
Aluminum housing, Silver
Mounting
Din-Rail mounting, Desk/wall-mounting, VESA mounting
Dimensions (W x H x D)
264.5 x 69.2 x 133.0 mm (10.41" x 2.72" x 5.24")
Environment
Operating Temperature
With extended temperature peripherals: -30 ~ 60° C with 0.7m/s air flow (standard), -40 ~ 70° C with 0.7m/s air flow (by project)
With standard temperature peripherals: 0 ~ 45° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C (-40~185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With mSATA/SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
Shock During Operation
With mSATA/SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
Regulation
EMC
CE/FCC Class A, CCC, BSMI (No RED certification)
Safety
CB, UL, CCC, BSMI
* Power Input Constraint at low voltage: 9~10.9V.
All product specifications are subject to change without notice.
Last updated: 4-Dec-2020


Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
More results

Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2121S ADVANTECH-ARK-2121S_15 Datasheet
1Mb / 2P
Outdoor NVR w/4 PoE Ports Intel짰 Atom E3845 SoC Fanless Box PC
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ARK-2151S ADVANTECH-ARK-2151S_15 Datasheet
1Mb / 2P
Outdoor Full HD NVR w/4 PoE Ports 4th Gen. Intel Core i5 4300U SoC Fanless Box PC
ARS-2110TX ADVANTECH-ARS-2110TX_15 Datasheet
730Kb / 2P
EN50155 Intel Atom E3845 Fanless Box PC
ARK-2121V ADVANTECH-ARK-2121V Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
logo
Contec Co., Ltd
BX-220 CONTEC-BX-220 Datasheet
299Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
BX-320 CONTEC-BX-320 Datasheet
439Kb / 3P
BOX-PC Fanless, Atom E3845 1.9GHz
BX-830 CONTEC-BX-830 Datasheet
323Kb / 3P
BOX-PC Wide Temperature, Atom E3845, Fanless
BX-956S CONTEC-BX-956S Datasheet
472Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
logo
Advantech Co., Ltd.
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com