Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC18T12-9 Datasheet (PDF) - Astec America, Inc

APC18T12-9 Datasheet PDF - Astec America, Inc
Part # APC18T12-9
Download  APC18T12-9 Download
File Size   433.72 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 75 Watts

APC18T12-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
APC18T12-9 Datasheet PDF - Astec America, Inc

Part # APC18T12-9
Download  APC18T12-9 Click to download

File Size   433.72 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 75 Watts

APC18T12-9 Datasheet (HTML) - Astec America, Inc


APC18T12-9 Product details

APC18T12 Series: 12Vin / 18A Non-Isolated Point-of-Load

The APC18 DC-DC Power Module is a high efficiency non-isolated buck converter designed for use in a wide variety of applications. Packaged in an industry standard recognized SMT footprint: 1.3” x 0.53”, it works from a wide input voltage range of 10V to 14V and offers a wide adjustable output range of 0.75V to 5.5V through external resistor programming.

Special Features
• Industry Standard SMT Footprint
• High Efficiency up to 95% at 5V output
• Adjustable output through external resistor programming
• Low output ripple and noise
• Input UVLO
• Fixed Switching Frequency
• Positive Enable
• Remote Sense pin




Similar Part No. - APC18T12-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T12-9 ASTEC-APC18T12-9 Datasheet
2Mb / 10P
12Vin / 18A Non-Isolated Point-of-Load
APC18T12-9J ASTEC-APC18T12-9J Datasheet
2Mb / 10P
12Vin / 18A Non-Isolated Point-of-Load
logo
Artesyn Technologies
APC18T12-9JL ARTESYN-APC18T12-9JL Datasheet
447Kb / 2P
Total Power: 75 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
More results


Similar Description - APC18T12-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA60A-048L-033D025 ASTEC-AA60A-048L-033D025 Datasheet
596Kb / 2P
75 Watts
APA18T12-9 ASTEC-APA18T12-9 Datasheet
250Kb / 2P
75 Watts
logo
Power Mate Technology C...
HEC75 P-DUKE-HEC75 Datasheet
527Kb / 3P
75 WATTS DC-DC CONVERTER
QEB75 P-DUKE-QEB75_14 Datasheet
389Kb / 3P
75 WATTS DC-DC CONVERTER
logo
Emerson Network Power
AA60A-048L-033D025 EMERSON-NETWORKPOWER-AA60A-048L-033D025_02 Datasheet
908Kb / 2P
75 Watts Output loadsharing
logo
Artesyn Technologies
AIQ00ZPFC-01NL ARTESYN-AIQ00ZPFC-01NL Datasheet
464Kb / 3P
Total Power: 75 Watts
AVO75-48S1V2-4 ARTESYN-AVO75-48S1V2-4 Datasheet
1Mb / 3P
Total Power: 75 Watts
AVD75-48S3V3-6L ARTESYN-AVD75-48S3V3-6L Datasheet
1Mb / 3P
Total Power: 75 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
logo
XP Power Limited
QSB75 XPPOWER-QSB75 Datasheet
368Kb / 4P
75350 Watts QSB Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com