Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC18T12-9L Datasheet (PDF) - Artesyn Technologies

APC18T12-9L Datasheet PDF - Artesyn Technologies
Part # APC18T12-9L
Download  APC18T12-9L Download
File Size   447.37 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 75 Watts

APC18T12-9L Datasheet (PDF)

Go To PDF Page Download Datasheet
APC18T12-9L Datasheet PDF - Artesyn Technologies

Part # APC18T12-9L
Download  APC18T12-9L Click to download

File Size   447.37 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 75 Watts

APC18T12-9L Datasheet (HTML) - Artesyn Technologies


APC18T12-9L Product details

Total Power: 75 Watts
Input Voltages: 10.0 - 14.0 V
# of Outputs: Single

SPECIAL FEATURES
■ Point-of-load (POL) applications)
■ High current slew rate at 2.5 A / μS1
■ Open frame SMT
■ High efficiency, 3.3 V @ 92% typical
■ Adjustable output through external resistor programming
■ -40 °C to +85 °C ambient operating temperature
■ UVLO protection
■ Positive Enable function
■ Low output ripple and noise
■ Regulation to zero load




Similar Part No. - APC18T12-9L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T12-9 ASTEC-APC18T12-9 Datasheet
433Kb / 2P
75 Watts
APC18T12-9 ASTEC-APC18T12-9 Datasheet
2Mb / 10P
12Vin / 18A Non-Isolated Point-of-Load
APC18T12-9J ASTEC-APC18T12-9J Datasheet
433Kb / 2P
75 Watts
APC18T12-9J ASTEC-APC18T12-9J Datasheet
2Mb / 10P
12Vin / 18A Non-Isolated Point-of-Load
More results


Similar Description - APC18T12-9L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIQ00ZPFC-01NL ARTESYN-AIQ00ZPFC-01NL Datasheet
464Kb / 3P
Total Power: 75 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVO75-48S1V2-4 ARTESYN-AVO75-48S1V2-4 Datasheet
1Mb / 3P
Total Power: 75 Watts
AVD75-48S3V3-6L ARTESYN-AVD75-48S3V3-6L Datasheet
1Mb / 3P
Total Power: 75 Watts
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
Total Power: 75 W
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com