Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP253 Datasheet (PDF) - Kemet Corporation

SMP253 Datasheet PDF - Kemet Corporation
Part # SMP253
Download  SMP253 Download
File Size   1217.02 Kbytes
Page   8 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device

SMP253 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP253 Datasheet PDF - Kemet Corporation

Part # SMP253
Download  SMP253 Click to download

File Size   1217.02 Kbytes
Page   8 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device

SMP253 Datasheet (HTML) - Kemet Corporation


SMP253 Product details

Overview
Multilayer, metallized paper, encapsulated and impregnated
in self-extinguishing material that meets the requirements of
UL 94 V–0.

Benefits
• High dv/dt capability
• Impregnated paper that ensures excellent stability and
reliability properties, particularly in applications with
continuous operation
• Approvals: ENEC, cULus
• Rated voltage: 250 VAC 50/60 Hz, maximum recommended
DC voltage 1,500 VDC
• Capacitance range: 0.001 – 0.0047 μF
• Size code: 5045, 12.7 mm
• Capacitance tolerance: ±20%

Applications
For worldwide use as an electromagnetic interference
suppressor in all Y2 applications, line-to-earth.




Similar Part No. - SMP253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
logo
List of Unclassifed Man...
SMP253A4390M ETC-SMP253A4390M Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
SMP253EA4100MB31TR24 KEMET-SMP253EA4100MB31TR24 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
SMP253EA4100MB31TV24 KEMET-SMP253EA4100MB31TV24 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
More results


Similar Description - SMP253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
EMI suppressor, class Y2, metallized paper SMD
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
EMI suppressor, class Y2, metallized paper
logo
EPCOS
B81122 EPCOS-B81122 Datasheet
150Kb / 7P
EMI suppression capacitors (MKP) Y2 / 250 VAC
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
Metallized Impregnated Paper, 125 VAC/250 VDC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
EMI suppressor, class Y2, metallized paper
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com