Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD1013B Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSD1013B Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSD1013B
Download  CSD1013B Download
File Size   758.41 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Inductor for Digital AMP

CSD1013B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD1013B Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSD1013B
Download  CSD1013B Click to download

File Size   758.41 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Inductor for Digital AMP

CSD1013B Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSD1013B Product details

Outline:
▪ 2-in-1structure offers space-saving.
▪ Magnetic shielded structure: excellent resistance
to electro magnetic interference(EMI)
▪ Realized low distortion and high sound quality by using low
loss material and Oxygen Free Copper(OFC)wire.

Features:
▪ Core material:Mental composite
▪ Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
▪ Environmental: RoHS, Reach compliant ,Halogen free
▪ Weight:5.32 g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃

Application:
▪ Best suited as LPF inductor for Digital Amplifier(Class-D Amp)
▪ DC /DC converters/Motherboards/Filter
▪ High current switching regulators/Polyphase-switching regulators




Similar Part No. - CSD1013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD10120 ETC-CSD10120 Datasheet
131Kb / 4P
ZERO RECOVERY RECTIFIER
CSD10120D ETC-CSD10120D Datasheet
131Kb / 4P
ZERO RECOVERY RECTIFIER
More results


Similar Description - CSD1013B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSD0910B CODACA-CSD0910B Datasheet
792Kb / 5P
Inductor for Digital AMP
07/14/2020
CPD1415B CODACA-CPD1415B Datasheet
811Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480 CODACA-CPD1480 Datasheet
769Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480A CODACA-CPD1480A Datasheet
687Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1495 CODACA-CPD1495 Datasheet
749Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C CODACA-CPD1521C Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715 CODACA-CPD1715 Datasheet
783Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715F CODACA-CPD1715F Datasheet
778Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD2320 CODACA-CPD2320 Datasheet
735Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119 CODACA-CPD3119 Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com