Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD0910B Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSD0910B Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSD0910B
Download  CSD0910B Download
File Size   792.86 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Inductor for Digital AMP

CSD0910B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD0910B Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSD0910B
Download  CSD0910B Click to download

File Size   792.86 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Inductor for Digital AMP

CSD0910B Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSD0910B Product details

Outline:
2-in-1structure offers space-saving.
Magnetic shielded structure: excellent resistance
to electro magnetic interference(EMI)
Realized low distortion and high sound quality by using low
loss material and Oxygen Free Copper(OFC)wire.

Features:
Core material:Mental composite
Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
Environmental: RoHS, Reach compliant ,Halogen free
Weight:3.10 g
Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity).
Operating temperature range: -40 +125
(including coil’s self temperature rise)
Storage temperature range: -40℃~+125℃

Application:
Best suited as LPF inductor for Digital Amplifier(Class-D Amp)
DC /DC converters/Motherboards/Filter
High current switching regulators/Polyphase-switching regulators




Similar Part No. - CSD0910B

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
CSD010 FARADAY-CSD010 Datasheet
57Kb / 3P
SERIAL DIGITAL CONVERTER CARDS
logo
List of Unclassifed Man...
CSD01060 ETC1-CSD01060 Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060 CREE-CSD01060 Datasheet
627Kb / 6P
Silicon Carbide Schottky Diode
logo
List of Unclassifed Man...
CSD01060A ETC1-CSD01060A Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060A CREE-CSD01060A Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
More results


Similar Description - CSD0910B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSD1013B CODACA-CSD1013B Datasheet
758Kb / 5P
Inductor for Digital AMP
07/14/2020
CPD1415B CODACA-CPD1415B Datasheet
811Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480 CODACA-CPD1480 Datasheet
769Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480A CODACA-CPD1480A Datasheet
687Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1495 CODACA-CPD1495 Datasheet
749Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C CODACA-CPD1521C Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715 CODACA-CPD1715 Datasheet
783Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715F CODACA-CPD1715F Datasheet
778Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD2320 CODACA-CPD2320 Datasheet
735Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119 CODACA-CPD3119 Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com