Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD0910B Datasheet(PDF) 4 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSD0910B
Description  Inductor for Digital AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSD0910B Datasheet(HTML) 4 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSD0910B Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Inductor for Digital AMP
CSD0910B Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
6 Soldering Specification
6.1 Reflow Profile for SMT Components
6.2 Classification of Peak Package Body Temperature (TP)
Package Thickness
Package Volume
<350 mm
3
350
2000 mm
3
>2000 mm
3
PB-Free Assembly
<1.6mm
260
260
260
1.6
2.5mm
260
250
245
≥2.5mm
250
245
245
Reflow is referred to standard IPC/JEDEC J-STD-020D.
480s Max.
(Time of 25℃ to peak temperature)
25
Preheat Area
TS Max.
200
TS Min.
150
tS
60~120s
Max. Ramp Up Rate = 3
/s
Max. Ramp Down Rate = 6
/s
TP
TL
217
TC
-5
tP
20~30s
tL
60~150s
T(
)
t(
s)
Time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com