Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD0910B Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSD0910B
Description  Inductor for Digital AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSD0910B Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSD0910B Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Inductor for Digital AMP
CSD0910B Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
2-in-1structure offers space-saving.
Magnetic shielded structure: excellent resistance
to electro magnetic interference(EMI)
Realized low distortion and high sound quality by using low
loss material and Oxygen Free Copper(OFC)wire.
Features:
Core material:Mental composite
Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
Environmental: RoHS, Reach compliant ,Halogen free
Weight:3.10 g
Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity).
Operating temperature range: -40
+125
(including coil
’s self temperature rise)
Storage temperature range: -40℃~+125℃
Application:
Best suited as LPF inductor for Digital Amplifier(Class-D Amp)
DC /DC converters/Motherboards/Filter
High current switching regulators/Polyphase-switching regulators
1 Electrical Characteristics
2 Product Dimensions (mm)
Part No.
Inductance
(
μH)
(1-2)/(3-4)
D.C.R. (m
Ω)
(1-2)/(3-4)
Isat
(A)
(1-2)/(3-4)
Irms
(A)
(1-2)/(3-4)
10.0±0.5
9.0±0.5
1.9±0.5
5.5±0.4
10.0Max
1.2±0.15
4
3
1
2
6.2 Ref
4
3
1
2
3.1
2.4
9.5
10.5
5.5
8.1
20%
Typical
Max.
Typical
Typical
CSD0910B-3R3M
3.30
9.60
11.5
10.5
6.00
CSD0910B-4R7M
4.70
15.6
18.7
10.0
5.00
CSD0910B-6R8M
6.80
15.6
18.7
8.70
5.00
CSD0910B-8R2M
8.20
15.6
18.7
6.80
5.00
CSD0910B-100M
10.0
15.6
18.7
5.60
5.00
CSD0910B-120M
12.0
20.0
24.0
5.00
4.80
CSD0910B-150M
15.0
32.7
39.2
4.60
3.50
CSD0910B-220M
22.0
43.0
51.6
3.20
2.50
3 How to Order:
CSD0910B-6R8M
Model
Dimensions
Value Code
Typical Land Pattern
Schematic
All data is tested on 25
ambient temperature
1. Inductance measure condition at 100kHz,1V(3R3-8R2), 1kHz,1V(100-220).
2. Isat:the actual value of DC current when the inductance decrease 25% of its initial value
3. Irms:the actual value of DC current when the temperature rise is
ΔT40 (Ta=25 )


Similar Part No. - CSD0910B

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
CSD010 FARADAY-CSD010 Datasheet
57Kb / 3P
SERIAL DIGITAL CONVERTER CARDS
logo
List of Unclassifed Man...
CSD01060 ETC1-CSD01060 Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060 CREE-CSD01060 Datasheet
627Kb / 6P
Silicon Carbide Schottky Diode
logo
List of Unclassifed Man...
CSD01060A ETC1-CSD01060A Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060A CREE-CSD01060A Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
More results

Similar Description - CSD0910B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSD1013B CODACA-CSD1013B Datasheet
758Kb / 5P
Inductor for Digital AMP
07/14/2020
CPD1415B CODACA-CPD1415B Datasheet
811Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480 CODACA-CPD1480 Datasheet
769Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480A CODACA-CPD1480A Datasheet
687Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1495 CODACA-CPD1495 Datasheet
749Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C CODACA-CPD1521C Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715 CODACA-CPD1715 Datasheet
783Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715F CODACA-CPD1715F Datasheet
778Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD2320 CODACA-CPD2320 Datasheet
735Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119 CODACA-CPD3119 Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com