Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD0910B Datasheet(PDF) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSD0910B
Description  Inductor for Digital AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSD0910B Datasheet(HTML) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSD0910B Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSD0910B Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Inductor for Digital AMP
CSD0910B Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
5 Packing Specification
5.1 Carrier Tape Dimensions (mm)
B
A
Φ1.5
16.0±0.1
2.0±0.1
4.0±0.1
1.75±0.1
11.5±0.1
(10.75)
24.0±0.3
9.4±0.1
0.5±0.05
+0.1
-0
A-A
B-B
10.4±0.1
10.6 Ref
10.5±0.1
B
A
Packing is referred to the international standard IEC 60286-3.
5.2 Reel Dimensions (mm)
330±2.0
100 Min.
21.0±0.8
13.0±0.5
2.0±0.5
W1
W2
W3
24.4
23.90 Min.
30.40 Max.
+1.5
-0
5.3 Carton Dimensions and Packing Quantity
■ Inner Carton 340 340 95mm
■ Out Carton
360
360
370mm
Product Series
Quantity / Reel
Inner Carton Quantity
Out Carton Quantity
CSD0910B
300pcs
(300
2) = 600pcs
(600
3) = 1800pcs
Cover tape peeling off condition
■ Cover tape peeling force shall be 0.1 to 1.3N.
■Reference peeling speed 300±10mm/min.
Label
Cover tape
Sprocket hole
Unreeling direction
165°~180°
Carrier tape
Unreeling direction
Cover tape
Pull direction



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com