Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT411QTA Datasheet (PDF) - Diodes Incorporated

FMMT411QTA Datasheet PDF - Diodes Incorporated
Part # FMMT411QTA
Download  FMMT411QTA Download
File Size   1105.24 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23

FMMT411QTA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT411QTA Datasheet PDF - Diodes Incorporated

Part # FMMT411QTA
Download  FMMT411QTA Click to download

File Size   1105.24 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23

FMMT411QTA Datasheet (HTML) - Diodes Incorporated


FMMT411QTA Product details

Features
IUSB = 35A typical
BVCES > 80V
BVCEO > 15V
Specifically Designed for Low Voltage Avalanche Mode Operation
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The DIODESTM FMMT411Q is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in
IATF16949 certified facilities.

Applications
Laser diode drivers for ranging and measurement (LIDAR)
Fast edge switch generators
High-speed pulse generators




Similar Part No. - FMMT411QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT411 DIODES-FMMT411 Datasheet
1Mb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
January 2020
FMMT411FDBW DIODES-FMMT411FDBW Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT411FDBW-7 DIODES-FMMT411FDBW-7 Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT411FDBWQ DIODES-FMMT411FDBWQ Datasheet
798Kb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
Rev. 2 - 2 September 2021
FMMT411FDBWQ-7 DIODES-FMMT411FDBWQ-7 Datasheet
798Kb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
Rev. 2 - 2 September 2021
More results


Similar Description - FMMT411QTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413_06 Datasheet
136Kb / 6P
SOT23 NPN silicon planar avalanche transistor
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
SOT23 NPN silicon planar avalanche transistor
March 2006
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT411 DIODES-FMMT411 Datasheet
1Mb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
January 2020
FMMT411FDBW DIODES-FMMT411FDBW Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT416 DIODES-FMMT416 Datasheet
634Kb / 5P
NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
July 2019
FMMT411FDBWQ DIODES-FMMT411FDBWQ Datasheet
798Kb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
Rev. 2 - 2 September 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com