Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT411FDBWQ Datasheet (PDF) - Diodes Incorporated

FMMT411FDBWQ Datasheet PDF - Diodes Incorporated
Part # FMMT411FDBWQ
Download  FMMT411FDBWQ Download
File Size   798.41 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3

FMMT411FDBWQ Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT411FDBWQ Datasheet PDF - Diodes Incorporated

Part # FMMT411FDBWQ
Download  FMMT411FDBWQ Click to download

File Size   798.41 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3

FMMT411FDBWQ Datasheet (HTML) - Diodes Incorporated


FMMT411FDBWQ Product details

Features
- IUSB = 35A typical
- BVCBO > 80V
- BVCEO > 15V
- Specifically Designed for Low Voltage Avalanche Mode Operation
- Low Profile 0.62mm High Package for Thin Applications
- Sidewall Tin Plating for Wettable Flanks in AOI
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The FMMT411FDBWQ is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in
IATF16949 certified facilities.

Applications
- Laser diode drivers for ranging and measurement (LIDAR)
- Radar systems
- Fast edge switch generators
- High-speed pulse generators




Similar Part No. - FMMT411FDBWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT411FDBW DIODES-FMMT411FDBW Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT411FDBW-7 DIODES-FMMT411FDBW-7 Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
More results


Similar Description - FMMT411FDBWQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413 Datasheet
98Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZUMT413 ZETEX-ZUMT413 Datasheet
54Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Diodes Incorporated
FMMT411 DIODES-FMMT411 Datasheet
1Mb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
January 2020
FMMT411FDBW DIODES-FMMT411FDBW Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT411Q DIODES-FMMT411Q Datasheet
1Mb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
June 2022
FMMT416 DIODES-FMMT416 Datasheet
634Kb / 5P
NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
July 2019
DXTP58100CFDB DIODES-DXTP58100CFDB Datasheet
409Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5820CFDB DIODES-DXTP5820CFDB Datasheet
419Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 3 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com