Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP58100CFDB Datasheet (PDF) - Diodes Incorporated

DXTP58100CFDB Datasheet PDF - Diodes Incorporated
Part # DXTP58100CFDB
Download  DXTP58100CFDB Download
File Size   409.33 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3

DXTP58100CFDB Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTP58100CFDB Datasheet PDF - Diodes Incorporated

Part # DXTP58100CFDB
Download  DXTP58100CFDB Click to download

File Size   409.33 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3

DXTP58100CFDB Datasheet (HTML) - Diodes Incorporated


DXTP58100CFDB Product details

Features
 BVCEO > -100V
 hFE Specified up to -3A for High Current Gain Hold Up
 Low Profile 0.6mm High Package for Thin Applications
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e.: parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please refer to the related automotive grade (Q-suffix) part. A
listing can be found at
https://www.diodes.com/products/automotive/automotiveproducts/.
 This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.
https://www.diodes.com/quality/product-definitions/

Applications
 DC-DC Converters
 Charging Circuits
 Motor Control
 Power Switches




Similar Part No. - DXTP58100CFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP5820CFDB DIODES-DXTP5820CFDB Datasheet
419Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 3 - 2
DXTP5820CFDB-7 DIODES-DXTP5820CFDB-7 Datasheet
419Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 3 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
DXTP5840CFDB-7 DIODES-DXTP5840CFDB-7 Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
More results


Similar Description - DXTP58100CFDB

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2013G ZETEX-ZXTP2013G Datasheet
122Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T953G DIODES-ZX5T953G Datasheet
135Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
SEPTEMBER 2003
ZXTP2013G DIODES-ZXTP2013G Datasheet
130Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
JUNE 2005
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 5
DXTP5820CFDB DIODES-DXTP5820CFDB Datasheet
419Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 3 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com