Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP58100CFDB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXTP58100CFDB
Description  100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP58100CFDB Datasheet(HTML) 3 Page - Diodes Incorporated

  DXTP58100CFDB Datasheet HTML 1Page - Diodes Incorporated DXTP58100CFDB Datasheet HTML 2Page - Diodes Incorporated DXTP58100CFDB Datasheet HTML 3Page - Diodes Incorporated DXTP58100CFDB Datasheet HTML 4Page - Diodes Incorporated DXTP58100CFDB Datasheet HTML 5Page - Diodes Incorporated DXTP58100CFDB Datasheet HTML 6Page - Diodes Incorporated DXTP58100CFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DXTP58100CFDB
Document number: DS42254 Rev. 2 - 2
3 of 7
www.diodes.com
November 2019
© Diodes Incorporated
DXTP58100CFDB
Thermal Characteristics and Derating Information
100µ
1m
10m 100m
1
10
100
1k
0
30
60
90
120
150
180
1
10
100
1k
10k
0
50
100
150
200
250
300
350
400
1
10
100
1k
10k
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
1m
10m
100m
1
V
CE(sat)
Limited
T
amb
=25°C
5mm x 5mm
2oz Single Sided
FR4-PCB
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
5mm x 5mm
2oz Single Sided
FR4-PCB
25mm x 25mm
1oz Single Sided
FR4-PCB
Derating Curve
Temperature (°C)
100µ
1m
10m
100m
1
10
100
1k
0.1
1
10
100
Single Pulse
T
amb
=25°C
5mm x 5mm
2oz Single Sided
FR4-PCB
Pulse Power Dissipation
Pulse Width (s)
T
amb
=25°C
5mm x 5mm
2oz Single Sided
FR4-PCB
D=0.1
D=0.05
Single Pulse
D=0.2
D=0.5
Transient Thermal Impedance
Pulse Width (s)
T
amb
=25°C
2oz Copper
1oz Copper
Thermal Resistance vs. Copper Area
Heatsink Copper Area (sqmm)
T
amb
=25°C
2oz Copper
1oz Copper
Max Power Dissipation vs. Copper Area
Heatsink Copper Area (sqmm)
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com