Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP5820CFDB Datasheet (PDF) - Diodes Incorporated

DXTP5820CFDB Datasheet PDF - Diodes Incorporated
Part # DXTP5820CFDB
Download  DXTP5820CFDB Download
File Size   419.1 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3

DXTP5820CFDB Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTP5820CFDB Datasheet PDF - Diodes Incorporated

Part # DXTP5820CFDB
Download  DXTP5820CFDB Click to download

File Size   419.1 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3

DXTP5820CFDB Datasheet (HTML) - Diodes Incorporated


DXTP5820CFDB Product details

Features
 BVCEO > -20V
 hFE Specified up to -6A for High Current Gain Hold Up
 Low Profile 0.6mm High Package for Thin Applications
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e.: parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please refer to the related automotive grade (Q-suffix) part. A
listing can be found at
https://www.diodes.com/products/automotive/automotiveproducts/.
 This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.
https://www.diodes.com/quality/product-definitions/

Applications
 DC-DC Converters
 Charging Circuits
 Motor Control
 Power Switches




Similar Part No. - DXTP5820CFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP58100CFDB DIODES-DXTP58100CFDB Datasheet
409Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
DXTP5840CFDB-7 DIODES-DXTP5840CFDB-7 Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5860CFDB-7 DIODES-DXTP5860CFDB-7 Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
More results


Similar Description - DXTP5820CFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 2
ZXT10P20DE6 DIODES-ZXT10P20DE6_15 Datasheet
434Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 4
ZXT13P20DE6 DIODES-ZXT13P20DE6_15 Datasheet
196Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 3
DSS5220T DIODES-DSS5220T Datasheet
496Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 2
DSS5220TQ DIODES-DSS5220TQ Datasheet
497Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 3
DXTP58100CFDB DIODES-DXTP58100CFDB Datasheet
409Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com