Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP5820CFDB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXTP5820CFDB
Description  20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP5820CFDB Datasheet(HTML) 1 Page - Diodes Incorporated

  DXTP5820CFDB Datasheet HTML 1Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 2Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 3Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 4Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 5Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 6Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXTP5820CFDB
Document number: DS41353 Rev. 3 - 2
1 of 7
www.diodes.com
November 2019
© Diodes Incorporated
DXTP5820CFDB
-20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
Features
BVCEO > -20V
hFE Specified up to -6A for High Current Gain Hold Up
Low Profile 0.6mm High Package for Thin Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e.: parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please refer to the related automotive grade (Q-suffix) part. A
listing can be found at
https://www.diodes.com/products/automotive/automotive-
products/.
This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: U-DFN2020-3 (Type B)
Nominal Package Height: 0.6mm
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu, Solderable per MIL-STD-202,
Method 208
Weight: 0.01 grams (Approximate)
Applications
DC-DC Converters
Charging Circuits
Motor Control
Power Switches
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DXTP5820CFDB-7
2E8
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2019
2020
2021
2022
2023
2024
2025
2026
Code
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
U-DFN2020-3 (Type B)
Device Symbol
Top View
Pin-Out
Bottom View
e4
C
E
B
2E8= Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: G = 2019)
M = Month (ex: 9 = September)
2E8


Similar Part No. - DXTP5820CFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP58100CFDB DIODES-DXTP58100CFDB Datasheet
409Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
DXTP5840CFDB-7 DIODES-DXTP5840CFDB-7 Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5860CFDB-7 DIODES-DXTP5860CFDB-7 Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
More results

Similar Description - DXTP5820CFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 2
ZXT10P20DE6 DIODES-ZXT10P20DE6_15 Datasheet
434Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 4
ZXT13P20DE6 DIODES-ZXT13P20DE6_15 Datasheet
196Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 3
DSS5220T DIODES-DSS5220T Datasheet
496Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 2
DSS5220TQ DIODES-DSS5220TQ Datasheet
497Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 3
DXTP58100CFDB DIODES-DXTP58100CFDB Datasheet
409Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5860CFDB DIODES-DXTP5860CFDB Datasheet
412Kb / 7P
60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
November 2019 Rev. 2 - 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com