Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP5820CFDB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXTP5820CFDB
Description  20V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP5820CFDB Datasheet(HTML) 4 Page - Diodes Incorporated

  DXTP5820CFDB Datasheet HTML 1Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 2Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 3Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 4Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 5Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 6Page - Diodes Incorporated DXTP5820CFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXTP5820CFDB
Document number: DS41353 Rev. 3 - 2
4 of 7
www.diodes.com
November 2019
© Diodes Incorporated
DXTP5820CFDB
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-20
—
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-20
—
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
—
—
V
IE = -100µA
Collector Cutoff Current
ICBO
—
—
-100
nA
VCB = -16V
Emitter Cutoff Current
IEBO
—
—
-100
nA
VEB = -6V
Collector Emitter Cutoff Current
ICES
—
—
-100
nA
VCES = -16V
Static Forward Current Transfer Ratio (Note 8)
hFE
200
345
—
—
IC = -500mA, VCE = -2V
200
320
—
IC = -1A, VCE = -2V
190
275
—
IC = -2A, VCE = -2V
110
155
—
IC = -6A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
—
-25
-40
mV
IC = -0.5A, IB = -50mA
—
-50
-80
IC = -1A, IB = -50mA
—
-80
-130
IC = -1A, IB = -10mA
—
-135
-210
IC = -2A, IB = -20mA
—
-215
-325
IC = -3A, IB = -30mA
—
-150
-230
IC = -4A, IB = -400mA
—
-235
-350
IC = -6A, IB = -300mA
Base-Emitter Turn-On Voltage (Note 8)
VBE(on)
—
-0.76
-0.9
V
IC = -2A, VCE = -2V
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
—
-0.75
-0.9
V
IC = -1A, IB = -10mA
—
-1.03
-1.1
IC = -6A, IB = -300mA
Output Capacitance
Cobo
—
75
90
pF
VCB = -10V, f = 1MHz
Transition Frequency
fT
—
140
—
MHz
VCE = -10V, IC = -100mA,
f = 100MHz
Delay Time
td
—
15
—
ns
VCC = -9V, IC = -2A
IB1 = -IB2 = -0.1A
Rise Time
tr
—
32
—
Turn-On Time
ton
—
47
—
Storage Time
ts
—
215
—
Fall Time
tf
—
47
—
Turn-Off Time
toff
—
262
—
Note:
8. Measured under pulse
d conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com