Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX5T953G Datasheet (PDF) - Diodes Incorporated

ZX5T953G Datasheet PDF - Diodes Incorporated
Part # ZX5T953G
Download  ZX5T953G Download
File Size   135.42 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN

ZX5T953G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T953G Datasheet PDF - Diodes Incorporated

Part # ZX5T953G
Download  ZX5T953G Click to download

File Size   135.42 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN

ZX5T953G Datasheet (HTML) - Diodes Incorporated


ZX5T953G Product details

Features
• BVCEO > -100V
• IC = -5A High Continuous Collector Current
• ICM = -10A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -90mV @ -1A
• RSAT = 60mΩ for a Low equivalent On-Resistance
• hFE Specified up to -10A for a High Gain Hold-Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Motor Driving
• Line Switching
• High Side Switches
• Subscriber Line Interface Cards (SLIC)




Similar Part No. - ZX5T953G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T953GTA ZETEX-ZX5T953GTA Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T953GTC ZETEX-ZX5T953GTC Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results


Similar Description - ZX5T953G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2013G ZETEX-ZXTP2013G Datasheet
122Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXT953K DIODES-ZXT953K Datasheet
147Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
DECEMBER 2003
ZXTP2013G DIODES-ZXTP2013G Datasheet
130Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
JUNE 2005
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXT953K DIODES-ZXT953K_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com