Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT416TA Datasheet (PDF) - Diodes Incorporated

FMMT416TA Datasheet PDF - Diodes Incorporated
Part # FMMT416TA
Download  FMMT416TA Download
File Size   634.1 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23

FMMT416TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT416TA Datasheet PDF - Diodes Incorporated

Part # FMMT416TA
Download  FMMT416TA Click to download

File Size   634.1 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23

FMMT416TA Datasheet (HTML) - Diodes Incorporated


FMMT416TA Product details

Features
60A Peak Avalanche Current
BVCBO > 315V
BVCEO > 100V
Specifically Designed for Avalanche Mode Operation
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Laser Diode Drivers for Ranging and Measurement (LIDAR)
Radar Systems
Fast Edge Switch Generator
High-Speed Pulse Generators




Similar Part No. - FMMT416TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT411 DIODES-FMMT411 Datasheet
1Mb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
January 2020
FMMT411FDBW DIODES-FMMT411FDBW Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT411FDBW-7 DIODES-FMMT411FDBW-7 Datasheet
971Kb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
January 2020
FMMT411FDBWQ DIODES-FMMT411FDBWQ Datasheet
798Kb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
Rev. 2 - 2 September 2021
FMMT411FDBWQ-7 DIODES-FMMT411FDBWQ-7 Datasheet
798Kb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN DFN2020-3
Rev. 2 - 2 September 2021
More results


Similar Description - FMMT416TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413_06 Datasheet
136Kb / 6P
SOT23 NPN silicon planar avalanche transistor
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
SOT23 NPN silicon planar avalanche transistor
March 2006
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT458 DIODES-FMMT458_15 Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 7
FMMT411 DIODES-FMMT411 Datasheet
1Mb / 9P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
January 2020
FMMT411Q DIODES-FMMT411Q Datasheet
1Mb / 8P
NPN LOW VOLTAGE AVALANCHE TRANSISTOR IN SOT23
June 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com