Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC23C10 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AMC23C10 Datasheet PDF - Texas Instruments
Part # AMC23C10
Download  AMC23C10 Download
File Size   1766.92 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output

AMC23C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC23C10 Datasheet PDF - Texas Instruments

Part # AMC23C10
Download  AMC23C10 Click to download

File Size   1766.92 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output

AMC23C10 Datasheet (HTML) - Texas Instruments


AMC23C10 Product details

1 Features
• Wide high-side supply range: 3 V to 27 V
• Low-side supply range: 2.7 V to 5.5 V
• Trip threshold error: ±6 mV (max)
• Open-drain and push-pull output
• Propagation delay: 290 ns (typ)
• High CMTI:
– Open drain output: 75 V/ns (min)
– Push-pull output: 100 V/ns (min)
• Safety-related certifications:
– 7000-VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Zero-crossing detection and general-purpose
monitoring in:
– Solid-state relays (SSR) and circuit breakers
– Factory automation and control
– Building automation
– Appliances
– DC/DC converters

3 Description
The AMC23C10 is a precision, isolated comparator
with a short response time that is specifically
designed for zero-crossing detection of high-voltage
signals that must be galvanically isolated from
low-voltage circuitry. The open-drain and push-pull
outputs are separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide
reinforced galvanic isolation of up to 5 kVRMS
according to VDE 0884-17 and UL1577, and supports
a working voltage of up to 1 kVPK.
The device offers an open-drain and a push-pull
output with a propagation delay of less than 320 ns.
The integrated low-dropout (LDO) regulator supports
an operating voltage range of 3 V to 27 V on the highvoltage
side, allowing the comparator to be powered
from a wide range of power supplies. The operating
voltage range on the low-side is 2.7 V to 5.5 V.
The AMC23C10 is available in an 8-pin, wide-body
SOIC package and is specified over the extended
industrial temperature range of –40°C to +125°C.




Similar Part No. - AMC23C10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C10 TI1-AMC23C10 Datasheet
1Mb / 31P
AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
FEBRUARY 2025
AMC23C10-Q1 TI1-AMC23C10-Q1 Datasheet
1Mb / 31P
AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
FEBRUARY 2025
AMC23C10QDWVRQ1 TI1-AMC23C10QDWVRQ1 Datasheet
1Mb / 31P
AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
FEBRUARY 2025
More results


Similar Description - AMC23C10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C14 TI-AMC23C14 Datasheet
1Mb / 31P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
FEBRUARY 2022
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC23C14 TI-AMC23C14_V01 Datasheet
2Mb / 46P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
REVISED JULY 2022
AMC23C11 TI-AMC23C11_V01 Datasheet
1Mb / 41P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12_V01 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C15-Q1 TI-AMC23C15-Q1 Datasheet
1Mb / 42P
AMC23C15-Q1 Automotive, Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
AMC23C15 TI-AMC23C15 Datasheet
1Mb / 42P
AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com