Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS221 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUXHS221 Datasheet PDF - Texas Instruments
Part # TMUXHS221
Download  TMUXHS221 Download
File Size   1315.23 Kbytes
Page   21 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch

TMUXHS221 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUXHS221 Datasheet PDF - Texas Instruments

Part # TMUXHS221
Download  TMUXHS221 Click to download

File Size   1315.23 Kbytes
Page   21 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch

TMUXHS221 Datasheet (HTML) - Texas Instruments


TMUXHS221 Product details

1 Features
• Compatible to USB 2.0 and eUSB2 LS, FS, and
HS physical layers
• Analog switch that can support most CMOS or
differential signals up to 3.3 V and 3 Gbps
• Data pins are 5 V tolerant
• Low RON of 3 Ω at VI/O = 0.2 V
• High –3 dB BW of 3.3 GHz
• Excellent for USB 2.0 or eUSB2 HS signals
at 240 MHz:
– Insertion loss = –0.4 dB
– Return loss = –22 dB
– Off isolation / cross talk = –32 dB
• Minimal vertical and horizontal USB 2.0
HS eye attenuation
• 3.3 V supply voltage
• 1.8 or 3.3 V control logic inputs
• Extended industrial temperature range
of –40 to 125°C
• Small 10-pin 1.4 mm × 1.8 mm, UQFN package

2 Applications
• PC and notebooks
• Gaming, TV, home theater, and entertainment
• Data center and enterprise computing
• Medical applications
• Test and measurements
• Factory automation and control
• Mobile Phones and tablets

3 Description
The TMUXHS221 is a high-speed bidirectional 2:1/1:2
multiplexer/demultiplexer optimized for USB 2.0 and
eUSB2 LS, FS, and HS signaling. The TMUXHS221
is an analog passive switch that works for many
high-speed interfaces for data rates up to 3 Gbps.
The TMUXHS221 supports either differential or single
ended CMOS signaling with a voltage range of −0.3 to
3.6 V.
The excellent high speed performance of the
TMUXHS221 results in minimal attenuation to the
USB 2.0 or eUSB2 HS signal eye diagrams with
very low channel ON resistance, high bandwidth,
low reflection, and low added jitter. The device
is optimized for excellent high frequency response
so that passing USB 2.0 HS electrical compliance
becomes easier. The datapaths of the device are also
matched for best intra-pair skew performance.
The TMUXHS221 has an extended temperature
range that suits many rugged applications including
industrial and high reliability use cases.




Similar Part No. - TMUXHS221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS221 TI-TMUXHS221 Datasheet
948Kb / 17P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 23P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221F TI2-TMUXHS221F Datasheet
1Mb / 23P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 28V Overvoltage Protection and 1.2V Logic
SEPTEMBER 2025
TMUXHS221F TI2-TMUXHS221F Datasheet
1Mb / 25P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
REVISED NOVEMBER 2025
TMUXHS221FRSWR TI2-TMUXHS221FRSWR Datasheet
1Mb / 25P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
REVISED NOVEMBER 2025
More results


Similar Description - TMUXHS221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221_V02 Datasheet
1Mb / 23P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com