Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS221F Datasheet (PDF) - Texas Instruments

TMUXHS221F Datasheet PDF - Texas Instruments
Part # TMUXHS221F
Download  TMUXHS221F Download
File Size   1143.67 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic

TMUXHS221F Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUXHS221F Datasheet PDF - Texas Instruments

Part # TMUXHS221F
Download  TMUXHS221F Click to download

File Size   1143.67 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic

TMUXHS221F Datasheet (HTML) - Texas Instruments


TMUXHS221F Product details

1 Features
• Supply range: 1.62V to 5.5V
• Differential 2:1 or 1:2 switch/multiplexer or flexible
dual single-ended cross switch
• Overvoltage protection (OVP) on common pins -
28V with absolute maximum overvoltage - 30V
• IEC-61000-4-5 Surge Tolerant - +35V
• 1.2V compatible logic inputs: extended 1.2V logic
support with 0.77VIH 0.39VIL
• Powered-off protection when VCC = 0V
• Low RON: 9Ω maximum
• BW: 1.5GHz typical
• Low CON: 1.3pF typical
• LowPower Disable mode
• ESD protection exceeds JESD 22 human body
model (HBM): 2000V
• Wide temperature range: –40°C to 125°C
• 10-pin small UQFN package - 1.8mm × 1.4mm

2 Applications
• Mobile
• PC, notebook
• Tablet
• Anywhere a USB Type-C® or Micro-B connector is
used

3 Description
The TMUXHS221F is a bidirectional low-power
dual port, high-speed, USB 2.0 analog switch with
integrated protection for USB Type-C systems. The
device is configured as a dual 2:1 or 1:2 switch.
TMUXHS221F is optimized for use with the USB 2.0
D+/- lines in a USB Type-C systems.
The TMUXHS221F protection on the I/O pins can
tolerate up to 30V with automatic shutoff circuitry to
protect system components behind the switch.
The TMUXHS221F comes in a small industry
standard 10-pin QFN package. TMUXHS221F has
an extended temperature range that is an excellent
choice for many rugged applications including
industrial and high reliability use cases.




Similar Part No. - TMUXHS221F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS221F TI2-TMUXHS221F Datasheet
1Mb / 23P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 28V Overvoltage Protection and 1.2V Logic
SEPTEMBER 2025
More results


Similar Description - TMUXHS221F

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
8/07-Revision 0
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com