Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG772 Datasheet (PDF) - Analog Devices

ADG772 Datasheet PDF - Analog Devices
Part # ADG772
Download  ADG772 Download
File Size   408.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)

ADG772 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG772 Datasheet PDF - Analog Devices

Part # ADG772
Download  ADG772 Click to download

File Size   408.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)

ADG772 Datasheet (HTML) - Analog Devices


ADG772 Product details

GENERAL DESCRIPTION
The ADG772 is a low voltage, CMOS device that contains two independently selectable single-pole, double throw (SPDT) switches. It is designed as a general-purpose switch and can be used for routing both USB 1.1 and USB 2.0 signals.

FEATURES
   USB 2.0 (480 Mbps) and USB 1.1 (12 Mbps) signal
      switching compliant
   Tiny 10-lead 1.6 mm × 1.3 mm mini LFCSP package
      and 12-lead 3 mm × 3 mm LFCSP package
   2.7 V to 3.6 V single-supply operation
   Typical power consumption: <0.1 μW
   RoHS compliant

APPLICATIONS
   USB 2.0 signal switching circuits
   Cellular phones
   PDAs
   MP3 players
   Battery-powered systems
   Headphone switching
   Audio and video signal routing
   Communications systems




Similar Part No. - ADG772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774 AD-ADG774 Datasheet
119Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV.0
ADG774A AD-ADG774A Datasheet
144Kb / 8P
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV.0
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV.0
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results


Similar Description - ADG772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787 Datasheet
420Kb / 16P
2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Texas Instruments
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221_V02 Datasheet
1Mb / 23P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com