Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774A Datasheet (PDF) - Analog Devices

ADG774A Datasheet PDF - Analog Devices
Part # ADG774A
Download  ADG774A Download
File Size   144.07 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time

ADG774A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG774A Datasheet PDF - Analog Devices

Part # ADG774A
Download  ADG774A Click to download

File Size   144.07 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time

ADG774A Datasheet (HTML) - Analog Devices


ADG774A Product details

GENERAL DESCRIPTION
The ADG774A is a monolithic CMOS device comprising four 2:1 multiplexer/demultiplexers with high impedance outputs. The CMOS process provides low power dissipation yet offers high switching speed and low on resistance. The on resistance variation is typically less than 0.5 Ω over the input signal range.The bandwidth of the ADG774A is typically 400 MHz and this, coupled with low distortion (typically 0.3%), makes the part suitable for switching of high speed data signals.
The on resistance profile is very flat over the full analog input range ensuring excellent linearity and low distortion. CMOS construction ensures ultralow power dissipation. The ADG774A operates from a single 3.3 V/5 V supply and is TTL logic-compatible. The control logic for each switch is
shown in the truth table (see Table 5).

FEATURES
Bandwidth: >400 MHz
Low insertion loss and on resistance: 2.2 Ω typical
On resistance flatness: 0.3 Ω typical
Single 3 V/5 V supply operation
Very low distortion: <0.3%
Low quiescent supply current: 1 nA typical
Fast switching times
tON= 6 ns
tOFF= 3 ns
TTL-/CMOS-compatible
Pb-free packages
16-lead QSSOP
16-lead 3 mm × 3 mm body LFCSP

SINGLE SUPPLY
VDD= 5 V ± 10%, GND = 0 V, all specifications TMINto TMAX, unless otherwise noted.




Similar Part No. - ADG774A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774A AD-ADG774A Datasheet
264Kb / 14P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Rev. C
ADG774ABCPZ-R2 AD-ADG774ABCPZ-R2 Datasheet
264Kb / 14P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Rev. C
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
264Kb / 14P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Rev. C
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results


Similar Description - ADG774A

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
logo
Analog Devices
ADG794 AD-ADG794 Datasheet
354Kb / 12P
Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch
10/04-Revision 0
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG774ABRQZ AD-ADG774ABRQZ Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
logo
Analog Devices
ADG774A AD-ADG774A_15 Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com