Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS221F Datasheet(PDF) 4 Page - Texas Instruments

Part # TMUXHS221F
Description  TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUXHS221F Datasheet(HTML) 4 Page - Texas Instruments

  TMUXHS221F Datasheet HTML 1Page - Texas Instruments TMUXHS221F Datasheet HTML 2Page - Texas Instruments TMUXHS221F Datasheet HTML 3Page - Texas Instruments TMUXHS221F Datasheet HTML 4Page - Texas Instruments TMUXHS221F Datasheet HTML 5Page - Texas Instruments TMUXHS221F Datasheet HTML 6Page - Texas Instruments TMUXHS221F Datasheet HTML 7Page - Texas Instruments TMUXHS221F Datasheet HTML 8Page - Texas Instruments TMUXHS221F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
6
V
VI/O
Input/Output DC voltage (D±)(2)
–0.5
30
V
VI/O
Input/Output DC voltage (D1±, D2±)(2)
–0.5
6
V
VI
Digital input voltage (SEL, OEn)
–0.5
6
V
IK
Input-output port diode current (D+, D-, D1+, D1-, D2+, D2-) when VIN < 0
–50
mA
IIK
Digital logic input clamp current (SEL, OEn) when VI < 0 (2)
–50
mA
ICC
Continuous current through VCC
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltages are with respect to ground, unless otherwise specified.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safemanufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
1.62
5.5
V
VI/O (D±)
Analog input/output voltage
0
28
V
VI/O (D1±, D2±)
Analog input/output voltage
0
3.6
V
VI
Digital input voltage (SEL, OEn)
0
5.5
V
II/O (D+, D–, D1+, D1–, D2+, D2–)
Analog input/output port continuous current
–50
50
mA
IOL
Digital output current
3
mA
TA
Operating free-air temperature
–40
125
ºC
TJ
Junction temperature
–40
135
ºC
TMUXHS221F
SLVSIV4A – SEPTEMBER 2025 – REVISED NOVEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUXHS221F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com