Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1665 Datasheet (PDF) - Diodes Incorporated

AL1665 Datasheet PDF - Diodes Incorporated
Part # AL1665
Download  AL1665 Download
File Size   837.0 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH PERFORMANCE DIMMABLE LED CONTROLLER

AL1665 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL1665 Datasheet PDF - Diodes Incorporated

Part # AL1665
Download  AL1665 Click to download

File Size   837.0 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH PERFORMANCE DIMMABLE LED CONTROLLER

AL1665 Datasheet (HTML) - Diodes Incorporated


AL1665 Product details

Features
 Primary Side Regulation without Optocoupler
 Valley Switching for Low Switching Loss
 Tight CS Reference Voltage 0.4V±1.5%
 High PF>0.9 and Low THD<20%
 Support Analog and PWM Dimming
 Analog Dimming Range: 5% to 100%
 PWM Dimming Range: 0.5% to 100% (1k PWM Frequency)
 Internal Protections
 Undervoltage Lockout (UVLO)
 Output Overvoltage Protection (OVP)
 Output Short Protection (OSP)
 Overcurrent Protection (OCP)
 Winding Short-Circuit Protection
 Secondary Diode Short Protection
 Shorted Current Sense Protection
 User Programmable NTC Based Thermal Foldback
 Internal Thermal Foldback Protection (TFP)
 Overtemperature Protection (OTP)
 Tight LED Current Variation Range
 LED Current Line Regulation: ±2%
 LED Current Load Regulation: ±2% Full Load to Half Load
 Tight Output Open Voltage Variation Range
 Package: SO-8 (Standard)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 General LED Lighting Driver with Dimming Function
 General Purpose Constant Current Source
 LED Backlighting Driver
 Smart LED Lighting




Similar Part No. - AL1665

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
AL1663 DIODES-AL1663 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 2
AL1663R DIODES-AL1663R Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
AL1663RS-13 DIODES-AL1663RS-13 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 2
AL1663S-13 DIODES-AL1663S-13 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 2
More results


Similar Description - AL1665

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2129AT NXP-SSL2129AT Datasheet
533Kb / 21P
Dimmable LED controller IC
Rev. 2-23 October 2012
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
AL5814 DIODES-AL5814 Datasheet
464Kb / 14P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
AL5817 DIODES-AL5817 Datasheet
400Kb / 13P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
AL1666 DIODES-AL1666 Datasheet
827Kb / 16P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
December 2019
AL1666A DIODES-AL1666A Datasheet
1Mb / 15P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
Rev. 2 - 2 August 2022
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
High Performance LED Controller
Rev. 1.1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com