Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1666A Datasheet (PDF) - Diodes Incorporated

AL1666A Datasheet PDF - Diodes Incorporated
Part # AL1666A
Download  AL1666A Download
File Size   1108.84 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH PERFORMANCE DIMMABLE LED CONTROLLER

AL1666A Datasheet (PDF)

Go To PDF Page Download Datasheet
AL1666A Datasheet PDF - Diodes Incorporated

Part # AL1666A
Download  AL1666A Click to download

File Size   1108.84 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH PERFORMANCE DIMMABLE LED CONTROLLER

AL1666A Datasheet (HTML) - Diodes Incorporated


AL1666A Product details

Features
- Primary Side Regulation without Opto-Coupler
- Valley Switching for Low Switching Loss
- Support Analog and PWM-to-DC Dimming
- Analog/PWM-to-DC Dimming Range: 1 to 100%
- Tight CS Reference Voltage 0.4V±1.5%
- High PF > 0.9 and Low THD < 20%
- High Efficiency
- Internal Protections
- Under Voltage Lock Out (UVLO)
- Output Over Voltage Protection (OVP)
- Output Short Protection (OSP)
- Over Current Protection (OCP)
- Winding Short Circuit Protection
- Secondary Diode Short Protection
- Internal Thermal Fold-back Protection (TFP)
- Over Temperature Protection (OTP)
- Tight LED Current Variation Range
LED Current Line Regulation: ±2% (90VAC to 305VAC)
LED Current Load Regulation: ±2% Full Load to Half Load
- Package: SO-8 (Standard)
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- General LED lighting drivers with dimming functions
- 0V to 10V dimming luminaires
- General purpose constant current sources
- Smart LED lightings




Similar Part No. - AL1666A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1666 DIODES-AL1666 Datasheet
827Kb / 16P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
December 2019
AL1666S-13 DIODES-AL1666S-13 Datasheet
827Kb / 16P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
December 2019
More results


Similar Description - AL1666A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2129AT NXP-SSL2129AT Datasheet
533Kb / 21P
Dimmable LED controller IC
Rev. 2-23 October 2012
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
AL5814 DIODES-AL5814 Datasheet
464Kb / 14P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
AL5817 DIODES-AL5817 Datasheet
400Kb / 13P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
AL1665 DIODES-AL1665 Datasheet
837Kb / 17P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
March 2020
AL1666 DIODES-AL1666 Datasheet
827Kb / 16P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
December 2019
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
High Performance LED Controller
Rev. 1.1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com