Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3644 Datasheet (PDF) - Diodes Incorporated

AL3644 Datasheet PDF - Diodes Incorporated
Part # AL3644
Download  AL3644 Download
File Size   792.25 Kbytes
Page   23 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER

AL3644 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL3644 Datasheet PDF - Diodes Incorporated

Part # AL3644
Download  AL3644 Click to download

File Size   792.25 Kbytes
Page   23 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER

AL3644 Datasheet (HTML) - Diodes Incorporated


AL3644 Product details

Features
 Dual Independent 1.5A LED Current Source Programmability
 Accurate and Programmable LED Current Range from 1.4mA to
1.5A
 Torch Currents up to 360mA (AL3644TT)
 Flash Timeout Values up to 1.6 seconds (AL3644TT)
 Optimized Flash LED Current During Low Battery Conditions
(Input Voltage Flash Monitor)
 > 85% Efficiency in Torch Mode (at 100mA) and Flash Mode (at
1A to 1.5A)
 Grounded Cathode LED Operation for Improved Thermal
Management
 Small Solution Size: < 16mm2
 Hardware Strobe Enable (STROBE)
 Synchronization Input for RF Power Amplifier Pulse Events (TX)
 Hardware Torch Enable (TORCH/TEMP)
 Remote NTC Monitoring (TORCH/TEMP)
 400kHz I2C-Compatible Interface
– AL3644 (I2C Address = 0x63)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Camera Phone White LED Flash




Similar Part No. - AL3644

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360 AVERLOGIC-AL360 Datasheet
2Mb / 2P
Video Solutions Provider
logo
Extreme Networks.
AL3600A05-E6 EXTREMENETWORKS-AL3600A05-E6 Datasheet
224Kb / 7P
Ethernet Routing Switch
28jul23
AL3600A06-E6 EXTREMENETWORKS-AL3600A06-E6 Datasheet
224Kb / 7P
Ethernet Routing Switch
28jul23
AL3600A15-E6 EXTREMENETWORKS-AL3600A15-E6 Datasheet
224Kb / 7P
Ethernet Routing Switch
28jul23
AL3600A16-E6 EXTREMENETWORKS-AL3600A16-E6 Datasheet
224Kb / 7P
Ethernet Routing Switch
28jul23
More results


Similar Description - AL3644

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com