Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3644 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3644
Description  DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3644 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3644 Datasheet HTML 1Page - Diodes Incorporated AL3644 Datasheet HTML 2Page - Diodes Incorporated AL3644 Datasheet HTML 3Page - Diodes Incorporated AL3644 Datasheet HTML 4Page - Diodes Incorporated AL3644 Datasheet HTML 5Page - Diodes Incorporated AL3644 Datasheet HTML 6Page - Diodes Incorporated AL3644 Datasheet HTML 7Page - Diodes Incorporated AL3644 Datasheet HTML 8Page - Diodes Incorporated AL3644 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AL3644
Document number: DS41558 Rev. 1 - 2
4 of 23
www.diodes.com
July 2019
© Diodes Incorporated
AL3644
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VIN, VSW, VOUT, VLED1, VLED2
Voltage at Input Pins
-0.3 to 6
V
VSDA, VSCL, VTX, VTORCH/TEMP, VHWEN, VSTROBE
VOUT and SW Pin Voltage
-0.3 to the Lesser of
(VIN+0.3)V/ 6V
V
θJA
Junction-to-Ambient Thermal Resistance
(Note 5)
201.5
°C/W
θJC
Junction-to-Case Thermal Resistance
(Note 5)
46.6
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
ESD
HBM
2000
V
CDM
1500
V
Notes: 4. Stre
sses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure
to “Absolute Maximum Ratings” for extended periods can affect device reliability.
5. Device mounted on FR-4 substrate PC board (1"x1"), with minimum recommended pad layout.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.5
5.0
V
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com