Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5V0DLP Datasheet (PDF) - Diodes Incorporated

T5V0DLP Datasheet PDF - Diodes Incorporated
Part # T5V0DLP
Download  T5V0DLP Download
File Size   205.79 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CAPACITANCE SURFACE MOUNT DUAL TVS

T5V0DLP Datasheet (PDF)

Go To PDF Page Download Datasheet
T5V0DLP Datasheet PDF - Diodes Incorporated

Part # T5V0DLP
Download  T5V0DLP Click to download

File Size   205.79 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CAPACITANCE SURFACE MOUNT DUAL TVS

T5V0DLP Datasheet (HTML) - Diodes Incorporated


T5V0DLP Product details

Features
• 25 Watts Peak Pulse Power (tp = 8 × 20µs)
• IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• IEC61000-4-4 (EFT): 40A 5/50ns
• Dual TVS for Protection of up to two Data Lines
• Low Capacitance (9pF typ), Suitable for USB2.0 Dataline
Protection
• Subminiature, Low-Profile Package Suitable for Portable
Applications—Case Outline of only 1.0mm × 0.6mm × 0.5mm
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - T5V0DLP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
T5V0DLP-TP TECHPUBLIC-T5V0DLP-TP Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
More results


Similar Description - T5V0DLP

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
L054BT26 SIRECT-L054BT26 Datasheet
464Kb / 8P
Low Capacitance Surface Mount TVS Diodes
logo
Diodes Incorporated
SM05 DIODES-SM05 Datasheet
75Kb / 4P
DUAL SURFACE MOUNT TVS
DS31828 Rev. 4 - 2
logo
Central Semiconductor C...
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
543Kb / 2P
SURFACE MOUNT LOW CAPACITANCE QUAD SILICON TVS/DIODE ARRAY
CMKTVS5-4 CENTRAL-CMKTVS5-4 Datasheet
461Kb / 3P
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS/DIODE ARRAY
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
402Kb / 3P
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS/DIODE ARRAY
CTLTVS5-4 CENTRAL-CTLTVS5-4 Datasheet
953Kb / 4P
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS DIODE ARRAY
logo
Shanghai Leiditech Elec...
SLCA5.0 LEIDITECH-SLCA5.0 Datasheet
134Kb / 1P
Low Capacitance Surface mount TVS
SLCB6.5 LEIDITECH-SLCB6.5 Datasheet
344Kb / 3P
Low Capacitance Surface mount TVS
SLCD6.5 LEIDITECH-SLCD6.5 Datasheet
348Kb / 3P
Low Capacitance Surface mount TVS
logo
Diodes Incorporated
T3V3LCS3 DIODES-T3V3LCS3 Datasheet
101Kb / 4P
LOW CAPACITANCE SURFACE MOUNT TVS
January 2010
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com