Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3V3LCS3 Datasheet (PDF) - Diodes Incorporated

T3V3LCS3 Datasheet PDF - Diodes Incorporated
Part # T3V3LCS3
Download  T3V3LCS3 Download
File Size   101.79 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CAPACITANCE SURFACE MOUNT TVS

T3V3LCS3 Datasheet (PDF)

Go To PDF Page Download Datasheet
T3V3LCS3 Datasheet PDF - Diodes Incorporated

Part # T3V3LCS3
Download  T3V3LCS3 Click to download

File Size   101.79 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CAPACITANCE SURFACE MOUNT TVS

T3V3LCS3 Datasheet (HTML) - Diodes Incorporated


T3V3LCS3 Product details

Features
• 350 Watts Peak Pulse Power (tp = 8x20μs)
• IEC 61000-4-2 (ESD): Air – 15kV, Contact – 8kV
• IEC 61000-4-4 (EFT): 40A – 5/50ns
• IEC 61000-4-5 (Surge): 24A, 8/20μs – Level 2(Line-Gnd) & Level
3(Line-Line)
• Low Capacitance, typ. = 3 pF
• Unidirectional Configuration
• Lead Free/RoHS Compliant (Note 4)
• “Green” Device (Note 5)




Similar Part No. - T3V3LCS3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
UNIDIRECTIONAL SURFACE MOUNT TVS
DS31112 Rev. 8 - 2
T3V3S5 DIODES-T3V3S5 Datasheet
153Kb / 4P
UNIDIRECTIONAL SURFACE MOUNT TVS
Rev 10
T3V3S5 DIODES-T3V3S5 Datasheet
153Kb / 4P
Ideally Suited for ESD Protection
Rev 10
T3V3S5 DIODES-T3V3S5 Datasheet
153Kb / 4P
UNIDIRECTIONAL SURFACE MOUNT TVS
Rev 10
T3V3S5-7 DIODES-T3V3S5-7 Datasheet
153Kb / 4P
UNIDIRECTIONAL SURFACE MOUNT TVS
Rev 10
More results


Similar Description - T3V3LCS3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC03-6R2 ONSEMI-LC03-6R2 Datasheet
54Kb / 6P
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
January, 2004 ??Rev. 3
logo
Sirectifier Global Corp...
L054BT26 SIRECT-L054BT26 Datasheet
464Kb / 8P
Low Capacitance Surface Mount TVS Diodes
logo
Central Semiconductor C...
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
543Kb / 2P
SURFACE MOUNT LOW CAPACITANCE QUAD SILICON TVS/DIODE ARRAY
CMKTVS5-4 CENTRAL-CMKTVS5-4 Datasheet
461Kb / 3P
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS/DIODE ARRAY
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
402Kb / 3P
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS/DIODE ARRAY
CTLTVS5-4 CENTRAL-CTLTVS5-4 Datasheet
953Kb / 4P
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS DIODE ARRAY
logo
Shanghai Leiditech Elec...
SLCA5.0 LEIDITECH-SLCA5.0 Datasheet
134Kb / 1P
Low Capacitance Surface mount TVS
SLCB6.5 LEIDITECH-SLCB6.5 Datasheet
344Kb / 3P
Low Capacitance Surface mount TVS
SLCD6.5 LEIDITECH-SLCD6.5 Datasheet
348Kb / 3P
Low Capacitance Surface mount TVS
logo
Diodes Incorporated
T5V0DLP DIODES-T5V0DLP Datasheet
205Kb / 5P
LOW CAPACITANCE SURFACE MOUNT DUAL TVS
February 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com