Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3V3LCS3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # T3V3LCS3
Description  LOW CAPACITANCE SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

T3V3LCS3 Datasheet(HTML) 2 Page - Diodes Incorporated

  T3V3LCS3 Datasheet HTML 1Page - Diodes Incorporated T3V3LCS3 Datasheet HTML 2Page - Diodes Incorporated T3V3LCS3 Datasheet HTML 3Page - Diodes Incorporated T3V3LCS3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T3V3LCS3
Document number: DS31104 Rev. 8 - 4
2 of 4
www.diodes.com
January 2010
© Diodes Incorporated
T3V3LCS3
DISCONTINUED 01/13/2010
0
t, TIME ( s)
Fig. 1 Pulse Waveform
μ
20
40
60
100
50
0
V , REVERSE VOLTAGE (V)
Fig. 2 Typical Total Capacitance vs. Reverse Voltage
R
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
3.5
f = 1MHz
t , PULSE DURATION (µs)
Fig. 3 Max. Peak Pulse Power vs. Power Duration
d
10
100
1,000
10,000
1
10
100
1,000
350W 8x20µs Waveform
Ordering Information (Note 9)
Part Number
Case
Packaging
T3V3LCS3-7
SOD-323
3000/Tape & Reel
Notes:
9. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DE = Product Type Marking Code
DE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com