Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2674 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA2674 Datasheet PDF - Texas Instruments
Part # OPA2674
Download  OPA2674 Download
File Size   2757.28 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control

OPA2674 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2674 Datasheet PDF - Texas Instruments

Part # OPA2674
Download  OPA2674 Click to download

File Size   2757.28 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control

OPA2674 Datasheet (HTML) - Texas Instruments


OPA2674 Product details

1 Features
• Wideband operation: 340 MHz (G = 4V/V)
• Unity-gain stable: 730 MHz (G = 1V/V)
• High output current: ±1000 mA
• Active off-line mode for TDMA
• Adjustable power modes:
– Full-bias mode: 16.5 mA/channel
– 75% bias mode: 12.5 mA/channel
– 50% bias mode: 8.5 mA/channel
– Off-Line mode: 2.4 mA/channel
• Bipolar-supply range: ±2.5 V to ±6.5 V
• Single-supply range: 4.5 V to 13 V
• High slew rate: 3500 V/μs
• Overtemperature protection circuit
• Output current limit (±1.3 A)

2 Applications
• Power-line modems
• Matched I/Q channel amplifiers
• Broadband video line drivers
• ARB line drivers
• High cap load drivers
• Ultrasonic-Piezo drivers

3 Description
The OPA2675 provides the high output current
and low distortion required for power-line modem
driver and test and measurement applications. The
OPA2675 operates on power-supplies ranging from
4.5 V to 13 V and consumes a low 16.5 mA/channel
quiescent current to deliver a very high 1000 mA
output current. The OPA2675 can support the most
demanding power-line modem requirements with 850
mA assured minimum output current drive (at 25 °C).
Power control features are included to minimize
system power consumption. Two logic control lines
allow for four quiescent power settings: full power,
75% bias power, 50% bias power and offline mode
with active offline control to present a high impedance
with large signals present at the output pin. The two
channels of OPA2675 can be used independently
as individual op amps or can be configured as a
differential-input to differential-output, high current line
driver.




Similar Part No. - OPA2674

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI2-OPA2674 Datasheet
815Kb / 39P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
REVISED AUGUST 2008
OPA2674 TI2-OPA2674 Datasheet
1Mb / 26P
Single Port, High Output Current VDSL2 Line Driver with Power Control
AUGUST 2010
More results


Similar Description - OPA2674

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673 TI-OPA2673_1 Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com