Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2674 Datasheet (PDF) - Texas Instruments

OPA2674 Datasheet PDF - Texas Instruments
Part # OPA2674
Download  OPA2674 Download
File Size   815.91 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Wideband, High Output Current Operational Amplifier with Current Limit

OPA2674 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2674 Datasheet PDF - Texas Instruments

Part # OPA2674
Download  OPA2674 Click to download

File Size   815.91 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Wideband, High Output Current Operational Amplifier with Current Limit

OPA2674 Datasheet (HTML) - Texas Instruments


OPA2674 Product details

FEATURES
WIDEBAND +12V OPERATION: 220MHz (G = +4)
UNITY-GAIN STABLE: 250MHz (G = +1)
HIGH OUTPUT CURRENT: 500mA
OUTPUT VOLTAGE SWING: 10VPP
HIGH SLEW RATE: 2000V/μs
LOW SUPPLY CURRENT: 18mA
FLEXIBLE POWER CONTROL: SO-14 Only
OUTPUT CURRENT LIMIT (±800mA)

APPLICATIONS
POWER LINE MODEM
xDSL LINE DRIVERS
CABLE MODEM DRIVERS
MATCHED I/Q CHANNEL AMPLIFIERS
BROADBAND VIDEO LINE DRIVERS
ARB LINE DRIVERS
HIGH CAP LOAD DRIVER

DESCRIPTION
The OPA2674 provides the high output current and low
distortion required in emerging xDSL and Power Line Modem
driver applications. Operating on a single +12V supply,
the OPA2674 consumes a low 9mA/ch quiescent current
to deliver a very high 500mA output current. This
output current supports even the most demanding ADSL
CPE requirements with > 380mA minimum output current
(+25°C minimum value) with low harmonic distortion. Differential
driver applications deliver < −85dBc distortion at
the peak upstream power levels of full rate ADSL. The high
200MHz bandwidth also supports the most demanding
VDSL line driver requirements.
Power control features are included in the SO-14 package
version to allow system power to be minimized. Two logic
control lines allow four quiescent power settings. These include
full power, power cutback for short loops, idle state
for no signal transmission but line match maintenance,
and shutdown for power off with a high impedance output.
Specified on ±6V supplies (to support +12V operation), the
OPA2674 will also support a single +5V or dual ±5V supply.
Video applications will benefit from a very high output
current to drive up to 10 parallel video loads (15Ω) with <
0.1%/0.1°dG/dP nonlinearity.




Similar Part No. - OPA2674

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
2Mb / 39P
OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
OPA2674 TI2-OPA2674 Datasheet
1Mb / 26P
Single Port, High Output Current VDSL2 Line Driver with Power Control
AUGUST 2010
More results


Similar Description - OPA2674

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
Dual wideband high output current operational amplifier
November 2008 Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com