Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS55289 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS55289 Datasheet PDF - Texas Instruments
Part # TPS55289
Download  TPS55289 Download
File Size   3322.82 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface

TPS55289 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS55289 Datasheet PDF - Texas Instruments

Part # TPS55289
Download  TPS55289 Click to download

File Size   3322.82 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface

TPS55289 Datasheet (HTML) - Texas Instruments


TPS55289 Product details

1 Features
• Programmable power supply (PPS) support for
USB power delivery (USB PD)
– 3.0-V to 30-V wide input voltage range
– 0.8-V to 22-V with 10-mV step programmable
output voltage range
– ±1% reference voltage accuracy
– Adjustable output voltage compensation for
voltage droop over the cable
– Programmable output current limit up to 6.35 A
with 50-mA step
– ±5% accurate output current monitoring
– I2C interface
• High efficiency over entire load range
– 96% efficiency at VIN = 12 V, VOUT = 20 V, and
IOUT = 3 A
– Programmable PFM and FPWM mode at light
load
• Avoid frequency interference and crosstalk
– Optional clock synchronization
– Programmable switching frequency from 200
kHz to 2.2 MHz
• EMI mitigation
– Optional programmable spread spectrum
– Lead-less package
• Rich protection features
– Output overvoltage protection
– Hiccup mode for output short-circuit protection
– Thermal shutdown protection
– 8-A average inductor current limit
• Small solution size
– Maximum switching frequency up to 2.2 MHz
– 3.0-mm × 5.0-mm HotRod™ QFN package

2 Applications
• Wireless charger
• USB PD
• Docking station
• Industrial PC
• Power bank
• Monitor

3 Description
The TPS55289 is a synchronous buck-boost
converter that is optimized for converting battery
voltage or adapter voltage into power supply rails.
The TPS55289 integrates four MOSFET switches,
providing a compact solution for USB power delivery
(USB PD) application.
The TPS55289 has up to 30-V input voltage
capability. Through the I2C interface, the output
voltage of the TPS55289 can be programmed from
0.8 V to 22 V with 10-mV step. When working in boost
mode, the device can deliver 60 W from 12-V input
voltage. It is capable of delivering 45 W from 9-V input
voltage.
The TPS55289 employs an average current-mode
control scheme. The switching frequency is
programmable from 200 kHz to 2.2 MHz by an
external resistor and can be synchronized to an
external clock. The TPS55289 also provides optional
spread spectrum to minimize peak EMI.
The TPS55289 offers output overvoltage protection,
average inductor current limit, cycle-by-cycle peak
current limit, and output short circuit protection.
The TPS55289 also makes sure it safely operates
with optional output current limit and hiccup-mode
protection in sustained overload conditions.
The TPS55289 can use a small inductor and
small capacitors with high switching frequency. It is
available in a 3.0-mm × 5.0-mm QFN package.




Similar Part No. - TPS55289

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55289 TI-TPS55289 Datasheet
3Mb / 48P
TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
MARCH 2022
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS552892 TI-TPS552892 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892-Q1, Automotive, 36-V, 8-A, Fully Integrated Buck-boost Converter
APRIL 2023
More results


Similar Description - TPS55289

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V02 Datasheet
1Mb / 43P
TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
TPS55289 TI-TPS55289 Datasheet
3Mb / 48P
TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
MARCH 2022
logo
Richtek Technology Corp...
RT6160A RICHTEK-RT6160A Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
logo
Texas Instruments
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com