Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6160A Datasheet (PDF) - Richtek Technology Corporation

RT6160A Datasheet PDF - Richtek Technology Corporation
Part # RT6160A
Download  RT6160A Download
File Size   2077.94 Kbytes
Page   32 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface

RT6160A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6160A Datasheet PDF - Richtek Technology Corporation

Part # RT6160A
Download  RT6160A Click to download

File Size   2077.94 Kbytes
Page   32 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface

RT6160A Datasheet (HTML) - Richtek Technology Corporation


RT6160A Product details

General Description
The RT6160A is a high-efficiency, single inductor, Advanced Constant On-Time (ACOT®) monolithicsynchronous Buck-Boost converter that can deliver up to 3A output current from 2.2V to 5.5V and well regulate to the digitally programmable output voltage from 2.025V to 5.2V, which is suitable for wide input supply range applications, regardless of input voltage is lower, higher than or even equal to the output voltage. The ACOT® control architecture features outstandingline/load transient response, seamless transition between buck and boost modes, provides stable operation with small ceramic output capacitors and without complicated external compensation.
The RT6160A features I2C interface, which allowsprogrammable output voltage, ultra-sonic mode control, soft-start slew-rate adjusted and device status monitoring. The target output voltage can also be switched through external VSEL pin to perform dynamically-voltage-scaling (DVS), and the ramp-up slew-rate and ramp mode of DVS can also be set by setting the related registers.
The RT6160A operates in automatic PFM and typical
A low quiescent current design that maintains high efficiency during light load operation. At higher loads, the device automatically switches to a 2.2MHz fixed frequency control, which is easily smoothed-out he switching ripple voltage by small package filtering elements. And the integrated low RDS(ON) power MOSFETs features excellent efficiency during heavy load conditions. In shutdown mode, the supply current is typically 0.1A, excellent in reducing power consumption. PFM mode can be disabled if fixed frequency is desired. The RT6160A is available in a small WL-CSP-15B 1.4x2.3 (BSC) package.
Features
⚫Automatic Seamless Mode Transition with RealBuck, Buck-Boost and Boost Operation
⚫Input Voltage Range : 2.2V to 5.5V
⚫Output Voltage Range : 2.025V to 5.2V withDigitally Programmable (25mV/steps)
⚫Default Output Voltage Setting :
VOUT = 3.3V at VSEL = L
VOUT = 3.45V at VSEL = H
⚫Maximum Continuous Output Current :
Up to 2.5A for VIN ≥ 2.5V, VOUT = 3.3V
Up to 3A for VIN ≥ 3V, VOUT = 3.3V
Up to 2A for VIN ≥ 3V, VOUT = 5V
⚫Up to 95% Efficiency (VIN = 3.8V, VOUT = 3.3V,ILOAD = 1A)
⚫1A Non-Switching Low Quiescent Current
⚫I2C Interface (Up to 1MHz)
⚫Allows Dynamically-Voltage-Scaling Control
⚫Automatic PFM Mode and Forced PWM ModeSelection
⚫Ultra-Sonic Mode Operation
⚫OCP, UVLO, OTP, OVP, UVP Protected Functionfor Robustness
⚫15-Ball WL-CSP Package
Applications
Smartphones and Tablets
Portable Devices
Wearable Devices
System Pre-Regulators
Point-of-Load Regulators
Wifi Module
USB VCONN Supplies
TWS Earbud Chargers




Similar Part No. - RT6160A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
RT6160DWSC RICHTEK-RT6160DWSC Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
More results


Similar Description - RT6160A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Silicon Mitus, Inc.
SM5811 SILICONMITUS-SM5811 Datasheet
286Kb / 2P
A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter
July 2021 Rev. 0.0.3
logo
Richtek Technology Corp...
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com