Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5811 Datasheet (PDF) - Silicon Mitus, Inc.

SM5811 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5811
Download  SM5811 Download
File Size   286.85 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter

SM5811 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5811 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5811
Download  SM5811 Click to download

File Size   286.85 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter

SM5811 Datasheet (HTML) - Silicon Mitus, Inc.


SM5811 Product details

Features
 Input Voltage Range: 2.5V to 5.5V
 Output Voltage Range: 1.8V to 5.5V
- with Digitally Programmable 25mV/steps
 Default Output Voltage Setting
- VOUT = 3.3V at VREGSEL= Low
- VOUT = 3.45V at VREGSEL= High
 Up to 2.5A Maximum Load Capability
 High Efficiency across a wide input voltage and output
current range
 OCP, OVP, OTP and UVLO Protected Function
 Low Quiescent Current
 Forced PWM and Automatic PFM/PWM Mode
Selection
 Output Fast Discharge Function
 Automatic / Seamless Step Up and Step Down Mode
Transitions
 Supports DVS function
 Programmable Registers over I2C Interface
 0.4mm pitch, 15-Bump WLCSP

Applications
 Mobile and Smart Phones
 Tablet
 Portable Devices




Similar Part No. - SM5811

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM5811 FAIRVIEW-SM5811 Datasheet
433Kb / 3P
SM5811 DATA SHEET RP SMA Female to TNC Female Adapter
REV 1.0
More results


Similar Description - SM5811

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
High Efficiency Single Inductor Buck-Boost Converter
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Texas Instruments
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
logo
Richtek Technology Corp...
RT6160A RICHTEK-RT6160A Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com