Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE713C Datasheet (PDF) - ACE Technology Co., LTD.

ACE713C Datasheet PDF - ACE Technology Co., LTD.
Part # ACE713C
Download  ACE713C Download
File Size   414.58 Kbytes
Page   4 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description High Efficiency 1.25MHz, 2.5A Boost Regulator

ACE713C Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE713C Datasheet PDF - ACE Technology Co., LTD.

Part # ACE713C
Download  ACE713C Click to download

File Size   414.58 Kbytes
Page   4 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description High Efficiency 1.25MHz, 2.5A Boost Regulator

ACE713C Datasheet (HTML) - ACE Technology Co., LTD.




Similar Part No. - ACE713C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
ACE711E ACE-ACE711E Datasheet
626Kb / 9P
2A, Step-Up DC - DC Regulator 20V
VER 1.2
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
More results


Similar Description - ACE713C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP7648 SIPEX-SP7648_06 Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
High-Efficiency Low EMI Boost Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
New Jersey Semi-Conduct...
UESI1101 NJSEMI-UESI1101 Datasheet
82Kb / 1P
High Efficiency, 2.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com