Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2655 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2655 Datasheet PDF - National Semiconductor (TI)
Part # LM2655_05
Download  LM2655 Download
File Size   769.6 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2.5A High Efficiency Synchronous Switching Regulator

LM2655 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2655 Datasheet PDF - National Semiconductor (TI)

Part # LM2655_05
Download  LM2655 Click to download

File Size   769.6 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2.5A High Efficiency Synchronous Switching Regulator

LM2655 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2655_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2655MTC-3.3/NOPB TI-LM2655MTC-3.3/NOPB Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
LM2655MTC-3.3/NOPB TI2-LM2655MTC-3.3/NOPB Datasheet
803Kb / 18P
LM2655 2.5A High Efficiency Synchronous Switching Regulator
April 2005
LM2655MTC-3.3/NOPB.A TI2-LM2655MTC-3.3/NOPB.A Datasheet
803Kb / 18P
LM2655 2.5A High Efficiency Synchronous Switching Regulator
April 2005
LM2655MTC-3.3/NOPB.B TI2-LM2655MTC-3.3/NOPB.B Datasheet
803Kb / 18P
LM2655 2.5A High Efficiency Synchronous Switching Regulator
April 2005
logo
National Semiconductor ...
LM2655MTC-ADJ NSC-LM2655MTC-ADJ Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
More results


Similar Description - LM2655_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com