Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6681 Datasheet (PDF) - Sipex Corporation

SP6681 Datasheet PDF - Sipex Corporation
Part # SP6681
Download  SP6681 Download
File Size   125.91 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Boost Charge Pump Regulator

SP6681 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6681 Datasheet PDF - Sipex Corporation

Part # SP6681
Download  SP6681 Click to download

File Size   125.91 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Boost Charge Pump Regulator

SP6681 Datasheet (HTML) - Sipex Corporation


SP6681 Product details

DESCRIPTION
The SP6681 is a charge pump ideal for converting a +3.6V Li-Ion battery input to a +5.0V regulated output. An input voltage range of +2.7V to +5.5V is converted to a regulated output of 5.0V. The SP6681 device will operate at three different switching frequencies corresponding to three different output resistances and load current ranges. An external 32.768kHz nominal clock signal is used to produce three synchronized pump frequencies through the use an internal phase lock loop to drive the charge pump.

FEATURES
■ Ideal for Li Ion or 3V to 5V Conversion
■ Low Profile, Inductorless Regulator
■ Up To 96% Power Efficiency
■ +2.7V to +5.5V Input Voltage Range
■ 5.0V, 50mA Output, 4% Accuracy
■ Low EMI Design
■ Low Quiescent Current: 175µA
■ Low Shutdown Current: 4µA
■ Optional External Clock: 32.768kHz
■ Thermal Shutdown Protection
■ Programmable Frequencies: 8.192kHz, 32.768kHz, or 262.14kHz
■ Internal Oscillator: 16kHz or 130kHz, when CLK Pin Is Held High
■ Ultra small 10-Pin MSOP Package

APPLICATIONS
■ GSM SIM Card Power Supplies
■ 3V to 5V Boost Applications
■ Li Ion to 5.0V Boost Applications
■ White LED Driver
■ Smart Card Readers




Similar Part No. - SP6681

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EB SIPEX-SP6680EB Datasheet
394Kb / 5P
Evaluation Board Manual
SP6680EU SIPEX-SP6680EU Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EU SIPEX-SP6680EU Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
More results


Similar Description - SP6681

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com