Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6680 Datasheet (PDF) - Sipex Corporation

SP6680 Datasheet PDF - Sipex Corporation
Part # SP6680
Download  SP6680 Download
File Size   140.67 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Buck/Boost Charge Pump Regulator

SP6680 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6680 Datasheet PDF - Sipex Corporation

Part # SP6680
Download  SP6680 Click to download

File Size   140.67 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Buck/Boost Charge Pump Regulator

SP6680 Datasheet (HTML) - Sipex Corporation


SP6680 Product details

DESCRIPTION
The SP6680 is a charge pump ideal for converting a +3.6V Li-Ion battery input to a +5.0V regulated output. An input voltage range of +2.7V to +6.3V is converted to a regulated output of 5.8V. The SP6680 device will operate at three different switching frequencies corresponding to three different output resistances and load current ranges. An external 32.768kHz nominal clock signal is used to produce three synchronized pump frequencies through the use an internal phase look loop of an to drive the charge pump. Two control inputs can adjust the internal pump frequency on the fly to 8.192kHz (fINPUT/ 4), 32.768kHz (fINPUTx 1), or 262.14kHz (fINPUTx 8). The charge pump configuration dynamically changes to optimize power efficiency.

■ Ideal For Sim Card Applications In Cellular Phones
■ Low Profile, Inductorless Regulator
■ Up To 96% Power Efficiency
■ +2.7V to +6.3V Input Voltage Range
■ 5.8V Output Voltage
■ 60mA Output Current
■ 75µA Quiescent Current
■ 4µA Shutdown Current
■ External 32.768kHz Clock Input
■ Three Programmable Charge Pump Frequencies: 8.192kHz, 32.768kHz, and 262.14kHz
■ Internal Oscillator At 16.7kHz, When CLK Pin Is Held High
■ Space Saving 10-Pin µSOIC Package




Similar Part No. - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EB SIPEX-SP6680EB Datasheet
394Kb / 5P
Evaluation Board Manual
SP6680EU SIPEX-SP6680EU Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EU SIPEX-SP6680EU Datasheet
394Kb / 5P
Evaluation Board Manual
SP6680EU/TR SIPEX-SP6680EU/TR Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
More results


Similar Description - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com