Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6686 Datasheet (PDF) - Sipex Corporation

SP6686 Datasheet PDF - Sipex Corporation
Part # SP6686
Download  SP6686 Download
File Size   261.61 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 400mA Buck/Boost Charge Pump LED Driver

SP6686 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6686 Datasheet PDF - Sipex Corporation

Part # SP6686
Download  SP6686 Click to download

File Size   261.61 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 400mA Buck/Boost Charge Pump LED Driver

SP6686 Datasheet (HTML) - Sipex Corporation


SP6686 Product details

DESCRIPTION
The SP6686 is a current regulated charge pump ideal for powering high brightness LEDs for camera flash applications. The charge pump can be set to regulate two current levels for FLASH and TORCH modes. The SP6686 automatically switches modes between step-up and step-down ensuring that LED current does not depend on the forward voltage. A low current sense reference voltage (50mV) allows the use of small 0603 current sensing resistors. The SP6686 is offered in 10-pin DFN package.

FEATURES
■ Output Current up to 480mA
■ Up to 94% Efficiency in Torch Mode
■ Automatic Softstart limits inrush current
■ Adjustable FLASH mode
■ x1 and x2 Automatic Modes for High Efficiency
■ Minimum External Components: No Inductors
■ High Frequency Operation: 2.4 MHz
■ Low 50mV reference for low loss sensing
■ 1µA shutdown current
■ PWM Dimming Control
■ Automatic switchover between buck/boost
■ Over voltage protection on output
■ Over current/temerature protection
■ Low Ripple and EMI
■ Space Saving 10-pin 3mm x 3mm DFN Package

APPLICATIONS
■ White LED Torch/Flash for Cell Phones, DSCs, and Camcorders
■ Generic Lighting/Flash/Strobe Applications
■ White LED Backlighting




Similar Part No. - SP6686

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6686EB SIPEX-SP6686EB Datasheet
181Kb / 4P
Evaluation Board Manual
SP6686ER SIPEX-SP6686ER Datasheet
181Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
More results


Similar Description - SP6686

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com