Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6686 Datasheet (PDF) - Exar Corporation

SP6686 Datasheet PDF - Exar Corporation
Part # SP6686
Download  SP6686 Download
File Size   640.64 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 400mA Buck/Boost Charge Pump LED Driver

SP6686 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6686 Datasheet PDF - Exar Corporation

Part # SP6686
Download  SP6686 Click to download

File Size   640.64 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 400mA Buck/Boost Charge Pump LED Driver

SP6686 Datasheet (HTML) - Exar Corporation


SP6686 Product details

GENERAL DESCRIPTION
The SP6686 is a current-regulated charge pump ideal for powering high brightness LEDs for camera flash applications.

FEATURES
• Output Current up to 400mA
• Up to 94% Efficiency in Torch Mode
• Adjustable FLASH Mode
• x1 and x2 Automatic Modes for High Efficiency
• Minimum External Components: No Inductors
• 2.4MHz High Frequency Operation
• 1μA Shutdown Current
• Built-In Soft Start Limit Inrush Current
• Output Overvoltage Protection
• Over current/Temperature Protection
• 10-pin 3mm x 3mm DFN Package

APPLICATIONS
• White LED Torch/Flash for Mobile Phones, DSCs and Camcorders
• Generic Lighting/Flash/Strobe Applications
• White LED Backlighting




Similar Part No. - SP6686

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP6686EB SIPEX-SP6686EB Datasheet
181Kb / 4P
Evaluation Board Manual
SP6686ER SIPEX-SP6686ER Datasheet
181Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
More results


Similar Description - SP6686

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com