Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6682 Datasheet (PDF) - Exar Corporation

SP6682 Datasheet PDF - Exar Corporation
Part # SP6682
Download  SP6682 Download
File Size   812.39 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Efficiency White LED Charge Pump Regulator

SP6682 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6682 Datasheet PDF - Exar Corporation

Part # SP6682
Download  SP6682 Click to download

File Size   812.39 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Efficiency White LED Charge Pump Regulator

SP6682 Datasheet (HTML) - Exar Corporation


SP6682 Product details

GENERAL DESCRIPTION
The SP6682 is a current regulated charge pump ideal for converting a Li-Ion battery input for driving white LEDs used in backlighting color displays or cell phone camera flash applications.

FEATURES
• 200mA Output Current
• Low Profile Inductorless Regulator
   − 600KHz Oscillator
   − x1.5 and x2 Conversion Modes
• 2.7V to 5.5V Input Voltage Range
• Fast Turn-on Time 175µs
• 1mA Quiescent Current
• Adjustable Output Current and Voltage
• PWM Dimming Control
• True Shutdown Disconnect
• Soft Start
• 10-pin MSOP and 10-pin DFN Packages

APPLICATIONS
• Mobile Phones & PDAs
• 3.3V to 5V Conversion
• Palmtop Computers
• Color LCD Modules




Similar Part No. - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682ER SIPEX-SP6682ER Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682ER SIPEX-SP6682ER Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682ER/TR SIPEX-SP6682ER/TR Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
More results


Similar Description - SP6682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
6-Channel High Efficiency Charge Pump White LED Driver
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
High Efficiency Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com