Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6682 Datasheet (PDF) - Sipex Corporation

SP6682 Datasheet PDF - Sipex Corporation
Part # SP6682
Download  SP6682 Download
File Size   190.71 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Charge Pump Regulator for White LEDs

SP6682 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6682 Datasheet PDF - Sipex Corporation

Part # SP6682
Download  SP6682 Click to download

File Size   190.71 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Charge Pump Regulator for White LEDs

SP6682 Datasheet (HTML) - Sipex Corporation


SP6682 Product details

DESCRIPTION
The SP6682 is a current regulated charge pump ideal for converting a Li-Ion battery input for driving white LED used in backlighting color displays. The charge pump automatically switches between X1.5 and X2 modes based on the input voltage, providing improved efficiency over traditional methods using charge pump doubler followed by LDO. This input voltage threshold can be externally programmed for optimized efficiency at specific output voltages and currents.

FEATURES
■ Ideal For White LED Driver
■ Low Profile, Inductorless Regulator
■ Output Current up to 200mA
■ X1.5 and X2 Modes for Highest Efficiency
■ +2.7V to +5.5V Input Voltage Range
■ Fast Turn-On Time, 175µS
■ 1mA Quiescent Current
■ <1.5µA Shutdown Current
■ 600kHz Oscillator
■ Programmable Output Current or Voltage
■ PWM Dimming Control with Enable Pin
■ Shutdown to Disconnect Output from Input
■ Soft Start to Eliminate In-Rush Current
■ Industry Standard 10-pin MSOP Package and Small 10-pin DFN Package

APPLICATIONS
■ Next Generation Mobile Phones
■ PDAs
■ 3.3V to 5.0V Conversion
■ Palmtop Computers
■ Color LCD Modules




Similar Part No. - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
logo
Sipex Corporation
SP6682ER SIPEX-SP6682ER Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682ER/TR SIPEX-SP6682ER/TR Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682EU SIPEX-SP6682EU Datasheet
106Kb / 5P
Evaluation Board Manual
More results


Similar Description - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
252Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Linear Technology
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com