Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14531 Datasheet (PDF) - Dialog Semiconductor

DA14531 Datasheet PDF - Dialog Semiconductor
Part # DA14531
Download  DA14531 Download
File Size   4800.49 Kbytes
Page   374 Pages
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor
Description Ultra Low Power Bluetooth 5.1 SoC

DA14531 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14531 Datasheet PDF - Dialog Semiconductor

Part # DA14531
Download  DA14531 Click to download

File Size   4800.49 Kbytes
Page   374 Pages
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor
Description Ultra Low Power Bluetooth 5.1 SoC

DA14531 Datasheet (HTML) - Dialog Semiconductor


DA14531 Product details

Features
■ Compatible with Bluetooth v5.1, ETSI EN 300
328 and EN 300 440 Class 2 (Europe), FCC
CFR47 Part 15 (US) and ARIB STD-T66
(Japan)
■ Supports up to three BLE connections
■ Typical cold boot to radio active 35 ms
■ Processing power
□ 16 MHz 32-bit Arm® Cortex-M0+ with
SWD interface
□ 18300 EEMBC IoTMark-BLE®
score
□ Dedicated Link Layer and AES-128
Encryption Processor
□ Software-based True Random Number
Generator (TRNG)
■ Memories
□ 32 kB One-Time-Programmable (OTP)
□ 48 kB Retainable System RAM
□ 144 kB ROM
■ Power management
□ Integrated Buck/Boost DCDC converter
□ Buck: 1.1 V ≤ VBAT_HIGH ≤ 3.3 V (min 1.8V
OTP read needed)
□ Boost: 1.1 V ≤ VBAT_LOW ≤ 1.65 V
□ Clock-less hibernation mode: Buck 270
nA, Boost 240 nA
□ Built-in temperature sensor for die
temperature monitoring
■ Clocks
□ 32 MHz crystal and 32 MHz RC osc.
□ 32 kHz crystal and 32/512 kHz RC osc.
□ 15 kHz RCX as crystal replacement
■ Programmable Reset Circuitry
■ 2× General purpose Timers with capture and
PWM capabilities
■ Digital interfaces
□ GPIOs: 6 (WLCSP17), 12 (FCGQFN24)
□ 2× UARTs (one with flow control)
□ SPI Master/Slave up to 32 MHz (Master)
□ I2C bus at 100 kHz and 400 kHz
□ 3-axis capable Quadrature Decoder
□ Keyboard controller
■ Analog interfaces
□ 4-channel 10-bit ADC
■ Radio transceiver
□ Fully integrated 2.4 GHz CMOS
transceiver
□ Single wire antenna
□ TX: 3.5 mA, RX: 2.2 mA (system currents
with DC-DC, VBAT_HIGH =3 V and 0 dBm)
□ Programmable transmit output power from
-19.5 dBm to +2.5 dBm
□ -94 dBm receiver sensitivity
■ Packages:
□ WLCSP 17 balls, 1.7 × 2.05, 0.5 mm pitch
□ FCGQFN 24 pins, 2.2 × 3, 0.4 mm pitch

Applications
■ Medical applications
■ Disposables
■ Beacons
■ Proximity tags and trackers
■ Wireless sensor nodes
□ Fitness trackers
□ Consumer health
■ Smartwatches
■ Human interface devices (HID)
□ Stylus pens
□ Keyboards
□ Mouse devices
□ Trackpads
■ Toys
■ Industrial appliances




Similar Part No. - DA14531

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
logo
Dialog Semiconductor
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD-00F01002 RENESAS-DA14531MOD-00F01002 Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
logo
Dialog Semiconductor
DA14531MOD-00F0100C DIALOG-DA14531MOD-00F0100C Datasheet
2Mb / 32P
SmartBond TINYTM Module
More results


Similar Description - DA14531

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com