Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14530 Datasheet (PDF) - Renesas Technology Corp

DA14530 Datasheet PDF - Renesas Technology Corp
Part # DA14530
Download  DA14530 Download
File Size   4759.86 Kbytes
Page   333 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Bluetooth 5.1 SoC

DA14530 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14530 Datasheet PDF - Renesas Technology Corp

Part # DA14530
Download  DA14530 Click to download

File Size   4759.86 Kbytes
Page   333 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Bluetooth 5.1 SoC

DA14530 Datasheet (HTML) - Renesas Technology Corp


DA14530 Product details

Key Features
■ Compatible with Bluetooth v5.1, ETSI EN 300 328 and EN 300 440 Class 2 (Europe), FCC CFR47 Part 15 (US) and ARIB STD-T66 (Japan)
■ Supports up to three BLE connections
■ Typical cold boot to radio active 35 ms
■ Processing power
□ 16 MHz 32-bit Arm® Cortex-M0+ with SWD interface
□ 18300 EEMBC IoTMark-BLE® score
□ Dedicated Link Layer and AES-128 Encryption Processor
□ Software-based True Random Number Generator (TRNG)
■ Memories
□ 32 kB One-Time-Programmable (OTP)
□ 48 kB Retainable System RAM
□ 144 kB ROM
■ Power management
□ Integrated core LDO with sleep mode
□ Clock-less hibernation mode 300 nA
□ Built-in temperature sensor for die temperature monitoring




Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results


Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com