Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4115 Datasheet (PDF) - Global Connector Technology

USB4115 Datasheet PDF - Global Connector Technology
Part # USB4115
Download  USB4115 Download
File Size   176.2 Kbytes
Page   3 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm

USB4115 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB4115 Datasheet PDF - Global Connector Technology

Part # USB4115
Download  USB4115 Click to download

File Size   176.2 Kbytes
Page   3 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm

USB4115 Datasheet (HTML) - Global Connector Technology




Similar Part No. - USB4115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4110 ETC-USB4110 Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
logo
List of Unclassifed Man...
USB4110-GF-A ETC-USB4110-GF-A Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
More results


Similar Description - USB4115

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
logo
List of Unclassifed Man...
USB4145 ETC-USB4145 Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
USB4160 ETC-USB4160 Datasheet
902Kb / 4P
USB32. Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28/06/22
logo
Global Connector Techno...
USB4151 GCT-USB4151 Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4070 GCT-USB4070 Datasheet
264Kb / 3P
USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
5th May 2016
USB4120 GCT-USB4120 Datasheet
206Kb / 3P
USB 2.0 Type C Receptacle, 16contacts, Vertical, SMT, H=6.5mm
28th September 2020
USB4145 GCT-USB4145 Datasheet
240Kb / 4P
USB2.0 Type C Receptacle, Vertical, SMT, H=7.46mm, 16 Pin
28th June 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com